Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7746EB Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD7746EB
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7746EB Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD7746EB Datasheet HTML 3Page - Analog Devices EVAL-AD7746EB Datasheet HTML 4Page - Analog Devices EVAL-AD7746EB Datasheet HTML 5Page - Analog Devices EVAL-AD7746EB Datasheet HTML 6Page - Analog Devices EVAL-AD7746EB Datasheet HTML 7Page - Analog Devices EVAL-AD7746EB Datasheet HTML 8Page - Analog Devices EVAL-AD7746EB Datasheet HTML 9Page - Analog Devices EVAL-AD7746EB Datasheet HTML 10Page - Analog Devices EVAL-AD7746EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD7745
TOP VIEW
(Not to Scale)
SCL
EXCA
EXCB
REFIN(+)
REFIN(–)
CIN1(–)
CIN1(+)
RDY
SDA
VDD
GND
VIN(–)
VIN(+)
NC
NC
NC
NC = NO CONNECT
Figure 4. AD7745 Pin Configuration (16-Lead TSSOP)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD7746
TOP VIEW
(Not to Scale)
SCL
EXCA
EXCB
REFIN(+)
REFIN(–)
CIN1(–)
CIN1(+)
RDY
SDA
VDD
GND
VIN(–)
VIN(+)
CIN2(–)
CIN2(+)
NC
NC = NO CONNECT
Figure 5. AD7746 Pin Configuration (16-Lead TSSOP)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCL
Serial Interface Clock Input. Connects to the master clock line. Requires pull-up resistor if not already
provided in the system.
2
RDY
Logic Output. A falling edge on this output indicates that a conversion on enabled channel(s) has been
finished and the new data is available. Alternatively, the status register can be read via the 2-wire serial
interface and the relevant bit(s) decoded to query the finished conversion. If not used, this pin should be left
as an open circuit.
3, 4
EXCA, EXCB
CDC Excitation Outputs. The measured capacitance is connected between one of the EXC pins and one of the
CIN pins. If not used, these pins should be left as an open circuit.
5, 6
REFIN(+),
REFIN(–)
Differential Voltage Reference Input for the Voltage Channel (ADC). Alternatively, the on-chip internal
reference can be used for the voltage channel. These reference input pins are not used for conversion on
capacitive channel(s) (CDC). If not used, these pins can be left as an open circuit or connected to GND.
7
CIN1(–)
CDC Negative Capacitive Input in Differential Mode. This pin is internally disconnected in single-ended CDC
configuration. If not used, this pin can be left as an open circuit or connected to GND.
8
CIN1(+)
CDC Capacitive Input (in Single-Ended Mode) or Positive Capacitive Input (in Differential Mode). The
measured capacitance is connected between one of the EXC pins and one of the CIN pins. If not used, this pin
can be left as an open circuit or connected to GND.
9, 10
(AD7745)
NC
Not Connected. This pin should be left as an open circuit.
9
(AD7746)
CIN2(+)
CDC Second Capacitive Input (in Single-Ended Mode) or Positive Capacitive Input (in Differential Mode). If not
used, this pin can be left open circuit or connected to GND.
10
(AD7746)
CIN2(–)
CDC Negative Capacitive Input in Differential Mode. This pin is internally disconnected in a single-ended CDC
configuration. If not used, this pin can be left as an open circuit or connected to GND.
11, 12
VIN(+), VIN(–)
Differential Voltage Input for the Voltage Channel (ADC). These pins are also used to connect an external
temperature sensing diode. If not used, these pins can be left as an open circuit or connected to GND.
13
GND
Ground Pin.
14
VDD
Power Supply Voltage. This pin should be decoupled to GND, using a low impedance capacitor, for example
in combination with a 10 µF tantalum and a 0.1 µF multilayer ceramic.
15
NC
Not Connected. This pin should be left as an open circuit.
16
SDA
Serial Interface Bidirectional Data. Connects to the master data line. Requires a pull-up resistor if not provided
elsewhere in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com