Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7746EB Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-AD7746EB
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7746EB Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-AD7746EB Datasheet HTML 18Page - Analog Devices EVAL-AD7746EB Datasheet HTML 19Page - Analog Devices EVAL-AD7746EB Datasheet HTML 20Page - Analog Devices EVAL-AD7746EB Datasheet HTML 21Page - Analog Devices EVAL-AD7746EB Datasheet HTML 22Page - Analog Devices EVAL-AD7746EB Datasheet HTML 23Page - Analog Devices EVAL-AD7746EB Datasheet HTML 24Page - Analog Devices EVAL-AD7746EB Datasheet HTML 25Page - Analog Devices EVAL-AD7746EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 22 of 28
0x000000 ... 0xFFFFFF
DATA
CAPDIFF = 1
± 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
15 ... 19pF
(17
± 2pF)
CY
15 ... 19pF
(17
± 2pF)
CAPDAC(+)
17pF
CAPDAC(–)
17pF
Figure 34. Using CAPDAC in Differential Mode
0x000000 ... 0xFFFFFF
DATA
CAPDIFF = 1
± 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
13 ... 21pF
(17
± 4pF)
CY
17pF
CAPDAC(+)
17pF
CAPDAC(–)
17pF
Figure 35. Using CAPDAC in Differential Mode
PARASITIC CAPACITANCE TO GROUND
DATA
CDC
EXC
CGND1
CIN
CGND2
CX
Figure 36. Parasitic Capacitance to Ground
The CDC architecture used in the AD7745/AD7746 measures
the capacitance CX connected between the EXC pin and the
CIN pin. In theory, any capacitance CP to ground should not
affect the CDC result (see Figure 36).
The practical implementation of the circuitry in the chip
implies certain limits and the result is gradually affected by
capacitance to ground. See the allowed capacitance to GND in
the specification table for CIN and excitation. Also see the
typical performance characteristics shown in Figure 9, Figure
10, and Figure 11.
PARASITIC RESISTANCE TO GROUND
DATA
CDC
EXC
RGND1
CIN
RGND2
CX
Figure 37. Parasitic Resistance to Ground
The AD7745/AD7746 CDC result would be affected by a leak-
age current from the CX to ground, therefore the CX should be
isolated from the ground. The influence of the leakage current
varies with the power supply voltage. The following limits can
be used as a guideline for the allowed leakage current or the
equivalent resistance between the CX and ground (Figure 37).
VDD ≈ 5 V: IGND < 150 nA (that is, RGND > 30 MΩ)
VDD ≥ 3 V: IGND < 60 nA (that is, RGND > 50 MΩ)
VDD ≥ 2.7 V: IGND < 30 nA (that is, RGND > 100 MΩ)
A higher leakage current to ground results in a gain error, an
offset error, and a nonlinearity error. See the typical
performance characteristics shown in Figure 12 and Figure 13.
PARASITIC PARALLEL RESISTANCE
DATA
CDC
EXC
CIN
RP
CX
Figure 38. Parasitic Parallel Resistance
The AD7745/AD7746 CDC measures the charge transfer
between EXC pin and CIN pin. Any resistance connected in
parallel to the measured capacitance CX (see Figure 38), such as
the parasitic resistance of the sensor, also transfers charge.
Therefore, the parallel resistor is seen as an additional
capacitance in the output data. The equivalent parallel
capacitance (or error caused by the parallel resistance) can be
approximately calculated as
4
1
×
×
=
EXC
P
P
F
R
C
Where RP is the parallel resistance and CEXC is the excitation
frequency. See the typical performance characteristics shown in
Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com