Electronic Components Datasheet Search
  English  ▼

X  

AL260 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AL260
Description  Video Enhancement Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL260 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AL260 Datasheet HTML 35Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 36Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 37Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 38Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 39Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 40Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 41Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
AL260
©2002,2003-Copyright by AverLogic Technologies, Corp.
Version B1.0
39
1
FOUT=0
Note: FOUT = FIN * NF/(NR*NO) = FVCO/NO, here FVCO is between 80MHz and 190Mhz
Here, FIN is input clock (example:14.31818MHz XTAL)
NF/NR, and NO are refer to BAS#1C~1F definition
1C
LSB of NF Value for Memory PLL(R/W) [MPLLNF]
MPLLNF
<7:0>
MPLLNF<7:0> Value for memory PLL
Note: NF is MPLLNF+2
1D
MSB of NF/NR/NO Value for Memory PLL(R/W) [MPLLNRO]
MPLLNR
<4:0>
MPLLNR<4:0> value for memory PLL
MPLLNO
<6:5>
MPLLNO<1:0> value for memory PLL
MPLLNF
<7>
MPLLNF<8> Value for memory PLL
Note: NR is MPLLNR+2, NO is MPLLNO+1
1E
LSB of NF Value for Display PLL(R/W) [OPLLNF]
OPLLNF
<7:0>
OPLLNF<7:0> Value for display PLL
Note: NF is OPLLNF+2
1F
MSB of NF/NR/NO Value for Display PLL(R/W) [OPLLNRO]
OPLLNR
<4:0>
OPLLNR<4:0> value for display PLL
OPLLNO
<6:5>
OPLLNO<1:0> value for display PLL
OPLLNF
<7>
OPLLNF<8> Value for display PLL
Note: NR is OPLLNR+2, NO is OPLLNO+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com