Electronic Components Datasheet Search
  English  ▼

X  

AL260 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AL260
Description  Video Enhancement Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL260 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AL260 Datasheet HTML 45Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 46Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 47Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 48Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 49Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 50Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 51Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 52Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
AL260
©2002,2003-Copyright by AverLogic Technologies, Corp.
Version B1.0
49
34
DRAM Input Horizontal Stride (R/W) [DRAMINHSTRIDE]
DRAMINHStride
<7:0>
Input DRAM horizontal stride (Unit: 4 pixels)
35
DRAM Input Horizontal Size (R/W) [DRAMINHSIZE]
DRAMINHSize
<7:0>
Input DRAM horizontal size (Unit: 4 pixels)
Note: Set stride value at 64/128/256 boundary, will better ease DRAM timing.
DRAMINHSIZE = CAPHDESTSIZE(CAP#25&24) / 4
III. DRAM window copy control
39
Window Copy Source Start LSB (R/W) [WCSRCSTART]
GSInputStart1
<7:0>
Bits<7:0> of GS input DRAM address start. (Unit: 8192 pixels)
3A
Window Copy Source Start (R/W) [WCSRCSTART]
GSInputStart2
<7:0>
Bits<15:8> of GS input DRAM address start
3B
Window Copy Source Start MSB (R/W) [WCSRCSTART]
GSInputStart3
<3:0>
Bits<18:16> of GS input DRAM address start
Reserved
<7:4>
Reserved
3C
Window Copy Source Stride (R/W) [GSDRAMINPUTSTRIDE]
GSIStride
<7:0>
GS input DRAM stride. (8 pixels)
3D
Window Copy Size (R/W) [GSDRAMINPUTSIZE]
GSHSize
<7:0>
GS input DRAM size. (Unit: 8 pixels)
3E
Direct Write Stride (R/W) [WCSTRIDE]
WCStride
<7:0>
DRAM window copy stride. (Unit: 8 pixels)
3F
Window Copy Destination Start LSB (R/W) [WCDESTSTART]
WCSrcStart1
<7:0>
Bits<7:0> of DRAM window copy source address start. (Unit: 8
pixels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com