Electronic Components Datasheet Search
  English  ▼

X  

AP1635 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1635
Description  PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1635 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1635 Datasheet HTML 1Page - Diodes Incorporated AP1635 Datasheet HTML 2Page - Diodes Incorporated AP1635 Datasheet HTML 3Page - Diodes Incorporated AP1635 Datasheet HTML 4Page - Diodes Incorporated AP1635 Datasheet HTML 5Page - Diodes Incorporated AP1635 Datasheet HTML 6Page - Diodes Incorporated AP1635 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP1635
PWM/PFM DUAL MODE STEP-DOWN DC/DC
CONVERTER
AP1635 Rev. 3
5 of 7
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
3
3.544.5
5
Vcc (V)
Current Limit
Vout=2V
0
100
200
300
400
500
600
2.5
3
3.5
4
4.5
5
Vcc (V)
Typical Performance Characteristics (Continued)
Line Regulation
Load Regulation
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
2.5
3
3.544.5
5
Vcc (V)
-3
-2
-1
0
1
2
3
0
200
400
600
800
1000
1200
Load (mA)
Typical Application Circuit
0.1uF
V
IN
FB
PVcc
GND
10uH
AP1635
SW
CE/SS
2.2V ~ 5.5V
B240A
R2
R1
0.1uF 68uF
V
OUT
1nF
1M
SVcc
20
Ω
Ω
68u
Vout = 1
×(1 +
R1
R2
)
R1=100K ~ 200K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com