Electronic Components Datasheet Search
  English  ▼

X  

AP1635 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1635
Description  PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1635 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1635 Datasheet HTML 1Page - Diodes Incorporated AP1635 Datasheet HTML 2Page - Diodes Incorporated AP1635 Datasheet HTML 3Page - Diodes Incorporated AP1635 Datasheet HTML 4Page - Diodes Incorporated AP1635 Datasheet HTML 5Page - Diodes Incorporated AP1635 Datasheet HTML 6Page - Diodes Incorporated AP1635 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1635
PWM/PFM DUAL MODE STEP-DOWN DC/DC
CONVERTER
AP1635 Rev. 3
1 of 7
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
•
Input voltage range: 2.2V~5V (VOUT type)
•
Oscillator frequency: 700KHz (Typ.)
•
Internal reference: 1.0V (Typ.)
•
High efficiency: 93% (Typ.)
•
Current limit and thermal shutdown protection
•
Pb-Free
Package: SOP-8L
The AP1635 series are multi-functional step-down DC/DC
converters with built-in speed, low ON resistance drivers. It is
capable to deliver more than 1.2A output current with external
coil, diode and capacitor.
Output voltage is set-up by the external resistors. (±2.5%
accuracy). The 700KHz AP1635 that can work out with small
value external components comes out more compact board.
The device switches to and works under PFM mode with light
loads. It keeps at high efficiency for both light loads and large
output current.
AP1635 can be soft-start with a proper capacitor connected
between CE/SS pin and ground. The stand-by current is less
than 6uA when CE/SS pin is at “LOW” status. The device is
forced to switch off as the voltage at that pin is lower than the
stipulated voltage.
( Top View )
1
2
3
4
8
7
6
5
FB
SW
SVcc
AP1635
SW
GND
GND
PVcc
CE/SS
•
Electronic Information Organizers
•
Palmtops
•
Cellular and portable phones
•
Portable Audio Systems
•
Various Multi-function Power Supplies
Features
General Description
Pin Assignments
Pin Descriptions
Applications
Pin
Name
Pin
No.
Description
FB
1
Feedback pin
CE/SS
2
Chip Enable/ Soft Start:
H: Enable
L: Disable
SVcc
3
IC signal power supply pin, add a
20Ω resistor to PVcc and a 0.1µF
capacitor to GND.
PVcc
4
IC power supply pin
SW
5/6
Switch Pin. Connect external
inductor/diode here. Minimize trace
area at this pin to reduce EMI.
GND
7/8 GND Pin


Similar Part No. - AP1635

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
AP1635SG-13 DIODES-AP1635SG-13 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
AP1635SL-13 DIODES-AP1635SL-13 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
More results

Similar Description - AP1635

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
PWM/PFM Dual Mode Step-up DC/DC Converter
Rev.1.2 Mar.25, 2005
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
PWM/PFM Dual Mode Step-down DC/DC Converter
Rev.1.1 Jun. 27, 2005
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Diodes Incorporated
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com