Electronic Components Datasheet Search
  English  ▼

X  

G57 Datasheet(PDF) 16 Page - Pentair plc. All rights reserved.

Part # G57
Description  SPEC TRACOOL Indoor/Outdoor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

G57 Datasheet(HTML) 16 Page - Pentair plc. All rights reserved.

Back Button G57 Datasheet HTML 12Page - Pentair plc. All rights reserved. G57 Datasheet HTML 13Page - Pentair plc. All rights reserved. G57 Datasheet HTML 14Page - Pentair plc. All rights reserved. G57 Datasheet HTML 15Page - Pentair plc. All rights reserved. G57 Datasheet HTML 16Page - Pentair plc. All rights reserved. G57 Datasheet HTML 17Page - Pentair plc. All rights reserved. G57 Datasheet HTML 18Page - Pentair plc. All rights reserved. G57 Datasheet HTML 19Page - Pentair plc. All rights reserved. G57 Datasheet HTML 20Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Sealed encloSure cooling Air Conditioners
Spec-00728 I
PH 763.422.2211 • FAX 763.576.3200 • PentAirProtect.com
EQUIPMENT PROTECTION
Thermal managemenT
16
Enclosure Air Temperature
25 C
77 F
35 C
95 F
45 C
113 F
55 C
131 F
2000
6000
10000
14000
18000
68
77
86
95
104113
122131
Ambient Air In (°F)
586
1758
2930
4102
5274
20
30
40
50
Ambient Air In (°C)
G52-1246-GXXX Capacity Curve 60 Hz
Enclosure Air Temperature
25 C
77 F
35 C
95 F
45 C
113 F
55 C
131 F
2000
6000
10000
14000
18000
68
77
86
95
104113
122131
Ambient Air In (°F)
586
1758
2930
4102
5274
20
30
40
50
Ambient Air In (°C)
G52-1246-GXXX Capacity Curve 50 Hz
Performance Curves for G52 Models 12000 BTU/Hr. (3516 Watt)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com