Electronic Components Datasheet Search
  English  ▼

X  

G57 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # G57
Description  SPEC TRACOOL Indoor/Outdoor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

G57 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  G57 Datasheet HTML 1Page - Pentair plc. All rights reserved. G57 Datasheet HTML 2Page - Pentair plc. All rights reserved. G57 Datasheet HTML 3Page - Pentair plc. All rights reserved. G57 Datasheet HTML 4Page - Pentair plc. All rights reserved. G57 Datasheet HTML 5Page - Pentair plc. All rights reserved. G57 Datasheet HTML 6Page - Pentair plc. All rights reserved. G57 Datasheet HTML 7Page - Pentair plc. All rights reserved. G57 Datasheet HTML 8Page - Pentair plc. All rights reserved. G57 Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Sealed encloSure cooling Air Conditioners
Spec-00728 I
PH 763.422.2211 • FAX 763.576.3200 • PentAirProtect.com
EQUIPMENT PROTECTION
Thermal managemenT
2
Performance Data
  g28 models 4000/6000 BTu/hr. (1172/1758 Watt)
caTalog numBer
Indoor Model
G280416G050 G280426G050 G280446G050 G280616G050 G280626G050 G280646G050
Indoor Model Stainless Steel Type 4X
G280416G051 G280426G051 G280446G051 G280616G051 G280626G051 G280646G051
Indoor Model with Remote Access Control*
G280416G060 G280426G060 G280446G060 G280616G060 G280626G060 G280646G060
Outdoor Model without Heat Pkg.
G280416G100 G280426G100 G280446G100 G280616G100 G280626G100 G280646G100
Outdoor Model Partial Recessed Mount
G280416G101 G280426G101 G280446G101 G280616G101 G280626G101 G280646G101
Outdoor Model without Heat Pkg.
Stainless Steel Type 4X
G280416G102 G280426G102 G280446G102 G280616G102 G280626G102 G280646G102
Outdoor Model with Heat Pkg.
G280416G150 G280426G150
—
G280616G150 G280626G150
—
Outdoor Model with Heat Pkg. Stainless Steel Type 4X
G280416G151 G280426G151
—
G280616G151 G280626G151
—
cooling PerFormance
nominal:
BTu/hr.
4000
4600/4900
4600/4900
6000/6400
6000/6400
5400/6000
Watts
1172
1347/1435
1347/1435
1757/1874
1757/1874
1581/1757
At 131 F/131 F (55 C/55 C):
BTU/Hr. (50/60 Hz)
3700
4600/4900
4600/4900
6000/6400
6000/6400
5400/6000
W (50/60 Hz)
1084
1347/1435
1347/1435
1757/1874
1757/1874
1581/1757
At 95 F/95 F (35 C/35 C):
BTU/Hr. (50/60 Hz)
3300/3410
4300/4600
4324/4655
5600/6000
5600/6000
5054/5685
W (50/60 Hz)
967/1000
1260/1364
1267/1364
1641/1758
1641/1758
1481/1666
Refrigerant
R134A
R407C
R134A
R407C
R407C
R134A
Refrigerant Charge (ounces/grams)
12/340
20/567
16/454
20/567
20/567
16/454
Operating Temperature Range:
Maximum (°F/°C)
131 F/55 C
131 F/55 C
131 F/55 C
131 F/55 C
131 F/55 C
131 F/55 C
Minimum (°F/°C)
-40 F/-40 C
-40 F/-40 C
-40 F/-40 C
-40 F/-40 C
-40 F/-40 C
-40 F/-40 C
Air Flow at 0 Static Pressure:
Internal loop 50 Hz (CFM / m3/hr.)
151/256
189/321
189/321
189/321
189/321
189/321
External loop 50 Hz (CFM / m3/hr.)
284/482
291/494
291/494
291/494
291/494
291/494
Internal loop 60 Hz (CFM / m3/hr.)
183/310
221/375
221/375
221/375
221/375
221/375
External loop 60 Hz (CFM / m3/hr.)
290/492
300/509
300/509
300/509
300/509
300/509
Max. Heater W (Outdoor Models)
1000
2000
2000
2000
elecTrical daTa
rated Voltage
115
230
400/460 3~
115
230
400/460 3~
Frequency (Hz)
50/60
50/60
50/60
50/60
50/60
50/60
Operating Range
+/- 10%
+/- 10%
+/- 10%
+/- 10%
+/- 10%
+/- 10%
Max. Power Consumption (W at 50/60 Hz)
465/1055
1058/1334
680/874
1138.5/1311
1058/1334
680/874
Max. Nominal Current (A at 50/60 Hz)
10.4/10.1
4.6/5.8
1.7/1.9
9.9/11.4
4.6/5.8
1.7/1.9
Starting Current (A)
36.2
17.7
7.7
36.2
17.7
7.7
Agency Approvals
UL/cUL Listed
CE
EAC
Power Input Description
Terminal Block
encloSure ProTecTion
UL Type
Type 12, 3R, 4 Standard
Type 4X Stainless Steel Optional
conTroller
Description
Basic Mechanical Thermostat
Thermostat Location
Enclosure Side on All Base Models
Factory Thermostat Setting (°F/°C)
80/27
80/27
80/27
80/27
80/27
80/27
Sound leVel
At 1.5 Meters
68 dB(A)
uniT conSTrucTion
Material
Galvanized Sheet Metal Standard (Optional: Stainless Steel)
Finish
Powder Coat RAL 7035 Light Gray Standard
acceSSorieS
EASYSWAP Adaptor Plenum (GENESIS M28)
Enables SPECTRACOOL to be mounted to GENESIS M28 air conditioner cutout
Catalog Number PLM28G28
EASYSWAP Adaptor Plenum (T-Series T29)
Enables SPECTRACOOL to be mounted to T-Series T29 air conditioner cutout
Catalog Number PLT29G28
uniT dimenSionS
Height (in./mm)
28.55/725.1
Width (in./mm)
16.97/431.1
Depth (in./mm)
10.10/256.6
Weight (lb./kg)
84/38
84/38
84/38
84/38
84/38
84/38
*Units with Remote Access Control utilize a digital controller and communicate via EtherNet/IP, Profinet, Modbus TCP/IP and SNMP over ethernet or
modbus RTU over USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com