Electronic Components Datasheet Search
  English  ▼

X  

F-240 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # F-240
Description  F-240 Series – Industrial CFastTM Card with SATA interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F-240 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button F-240 Datasheet HTML 17Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 18Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 19Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 20Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 21Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 22Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 23Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 24Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 0.90
Industriestrasse 4
CH-9552 Bronschhofen
www.swissbit.com
F-240_data_sheet_CA-HxBV_Rev090
Switzerland
industrial@swissbit.com
Page 21 of 55
Bit 2 shall be set to 1 indicating that word 88 is valid and reflects the supported UDMA
6.7.14 Word 54-56: Current Number of Cylinders, Heads, Sectors/Track
These fields contain the current number of user addressable Cylinders, Heads, and Sectors/Track in the current
translation mode.
6.7.15 Word 57-58: Current Capacity
This field contains the product of the current cylinders, heads and sectors.
6.7.16 Word 59: Multiple Sector Setting
Bits 15-9 are reserved and must be set to ‘0’.
Bit 8 is set to ‘1’, to indicate that the Multiple Sector Setting is valid.
Bits 7:0 are the current setting for the number of sectors to be transferred for every interrupt, on
Read/Write Multiple commands; the only values returned are ‘00h’ or ‘01h’.
6.7.17 Word 60-61: Total Sectors Addressable in LBA Mode
This field contains the number of sectors addressable for the Drive in LBA mode only.
6.7.18 Word 63: Multi-Word DMA transfer
Bits 15 through 8 of word 63 of the Identify Device parameter information is defined as the Multiword DMA mode
selected field. If this field is supported, bit 1 of word 53 shall be set to one. This field is bit significant. Only one
of bits may be set to one in this field by the drive to indicate the multiword DMA mode which is currently
selected.
Of these bits, bits 15 through 11 are reserved. Bit 8, if set to one, indicates that Multiword DMA mode 0 has been
selected. Bit 9, if set to one, indicates that Multiword DMA mode 1 has been selected. Bit 10, if set to one,
indicates that Multiword DMA mode 2 has been selected.
Selection of Multiword DMA modes 3 and above are specific to Drive are as described in Word 163.
Bits 7 through 0 of word 63 of the Identify Device parameter information is defined as the Multiword DMA data
transfer supported field. If this field is supported, bit 1 of word 53 shall be set to one. This field is bit significant.
Any number of bits may be set to one in this field by the drive to indicate the Multiword DMA modes it is
capable of supporting.
Of these bits, bits 7 through 2 are reserved. Bit 0, if set to one, indicates that the drive supports Multiword DMA
mode 0. Bit 1, if set to one, indicates that the drive supports Multiword DMA modes 1 and 0. Bit 2, if set to one,
indicates that the Drive supports Multiword DMA modes 2, 1 and 0.
Support for Multiword DMA modes 3 and above are specific to Drive are reported in word 163 as described in
Word 163.
6.7.19 Word 64: Advanced PIO transfer modes supported
This field is bit significant. Any number of bits may be set to ‘1’ in this field by the drive to indicate the
advanced PIO modes it is capable of supporting.
Bits 7-2 are reserved for future advanced PIO modes.
Bit 1 is set to ‘1’, indicates that the Drive supports PIO mode 4.
Bit 0 is set to ‘1’ to indicate that the Drive supports PIO mode 3.
Support for PIO modes 5 and above are specific to Drive are reported in word 163 as described in Word 163.
6.7.20 Word 65: Minimum Multi-Word DMA transfer cycle time
Word 65 of the parameter information of the Identify Device command is defined as the minimum Multiword
DMA transfer cycle time. This field defines, in nanoseconds, the minimum cycle time that, if used by the host,
the Drive guarantees data integrity during the transfer.
If this field is supported, bit 1 of word 53 shall be set to one. The value in word 65 shall not be less than the
minimum cycle time for the fastest DMA mode supported by the device. This field shall be supported by all
Drives supporting DMA modes 1 and above. If bit 1 of word 53 is set to one, but this field is not supported, the
Drive shall return a value of zero in this field.
6.7.21 Word 66: Recommended Multi-Word DMA transfer cycle time
Word 66 of the parameter information of the Identify Device command is defined as the recommended
Multiword DMA transfer cycle time. This field defines, in nanoseconds, the cycle time that, if used by the host,
may optimize the data transfer from by reducing the probability that the Drive will need to negate the DMARQ
signal during the transfer of a sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com