Electronic Components Datasheet Search
  English  ▼

X  

F-240 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # F-240
Description  F-240 Series – Industrial CFastTM Card with SATA interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F-240 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button F-240 Datasheet HTML 4Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 5Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 6Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 7Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 8Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 9Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 10Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 11Page - List of Unclassifed Manufacturers F-240 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 0.90
Industriestrasse 4
CH-9552 Bronschhofen
www.swissbit.com
F-240_data_sheet_CA-HxBV_Rev090
Switzerland
industrial@swissbit.com
Page 8 of 55
4.3 Environmental Specifications
4.3.1 Recommended Operating Conditions
Table 3: Recommended Operating Conditions
Parameter
Value
Commercial Operating Temperature
0°C to 70°C
Industrial Operating Temperature
-40°C to 85°C
Power Supply VCC Voltage
3.3V ±10%
Table 4: Current consumption (1)
Current Consumption (type)
3.3V
Unit
Read (typ/max)
170/200
mA
Write (typ/max)
180/200
Idle Mode (typ/max)
85/100
PHYSLP mode
<20
1.
All values are typical at 25° C and nominal supply voltage and refer to 8GByte CFAST card at SATA II interface.
4.3.2 Recommended Storage Conditions
Table 5: Recommended Storage Conditions
Parameter
Value
Storage Temperature
-50°C to 100°C
4.3.3 Shock, Vibration, and Humidity
Table 6: Shock, Vibration, and Humidity
Parameter
Value
Humidity (non-condensing)
85% RH 85°C, 1000 hrs (JEDEC JESD22, method A101-B)
Vibration
20G Peak, 10…2000Hz
Shock
1500G, 0.5ms duration, half sine wave
4.4 Physical Dimensions
Table 7: Physical Dimensions
Physical Dimensions
Unit
Length
36.4±0.1
mm
Width
42.8±0.1
Thickness
3.6±0.1
Weight (typ.)
10
g
4.5 Reliability
Table 8: System Reliability and Maintenance (1)
Parameter
Value
MTBF (at 25°C)
> 2,500,000 hours
Insertions/Removals
> 10,000
Data Reliability
< 1 Non-Recoverable Error per 10
14 bits Read
Data Retention
10 year (JESD47)
1. Dependent on final system qualification data.
4.6 Drive geometry / CHS parameter
Table 9: CFAST card capacity specification
Capacity
Default_cylinders
Default_heads
Default_sectors
_track
Sectors_drive
Total addressable capacity
(Byte)
F-240 Series
2GB
3,970
16
63
4,001,760
2,048,901,120
4GB
7,732
16
63
7,793,856
3,990,454,272
8GB
15,498
16
63
15,621,984
7,998,455,808
16GB
16,383*)
16
63
31,277,056
16,013,852,672
32GB
16,383*)
16
63
62,586,880
32,044,482,560
64GB
16,383*)
16
63
125,304,832
64,156,073,984
*) The CHS access is limited to about 8GB. Above 8GB the drive must be addressed in LBA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com