Electronic Components Datasheet Search
  English  ▼

X  

ICS841402I Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ICS841402I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841402I Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ICS841402I Datasheet HTML 18Page - Renesas Technology Corp ICS841402I Datasheet HTML 19Page - Renesas Technology Corp ICS841402I Datasheet HTML 20Page - Renesas Technology Corp ICS841402I Datasheet HTML 21Page - Renesas Technology Corp ICS841402I Datasheet HTML 22Page - Renesas Technology Corp ICS841402I Datasheet HTML 23Page - Renesas Technology Corp ICS841402I Datasheet HTML 24Page - Renesas Technology Corp ICS841402I Datasheet HTML 25Page - Renesas Technology Corp ICS841402I Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ICS841402I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841402DKI REVISION A NOVEMBER 7, 2012
22
©2012 Integrated Device Technology, Inc.
3. Calculations and Equations.
The purpose of this section is to calculate power dissipation on the IC per HCSL output pair.
HCSL output driver circuit and termination are shown in Figure 5.
Figure 5. HCSL Driver Circuit and Termination
HCSL is a current steering output which sources a maximum of 17mA of current per output. To calculate worst case on-chip power dissipation,
use the following equations which assume a 50
 load to ground.
The highest power dissipation occurs when VDD_MAX.
Power
= (VDD_MAX – VOUT) * IOUT
since VOUT = IOUT * RL
Power
= (VDD_MAX – IOUT * RL) * IOUT
= (3.465V – 17mA * 50
) * 17mA
Total Power Dissipation per output pair = 44.5mW
VDD
VOUT
RL
50
Ω
IC
IOUT = 17mA
RREF =
475
Ω ± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com