Electronic Components Datasheet Search
  English  ▼

X  

ICS841402I Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ICS841402I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841402I Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ICS841402I Datasheet HTML 19Page - Renesas Technology Corp ICS841402I Datasheet HTML 20Page - Renesas Technology Corp ICS841402I Datasheet HTML 21Page - Renesas Technology Corp ICS841402I Datasheet HTML 22Page - Renesas Technology Corp ICS841402I Datasheet HTML 23Page - Renesas Technology Corp ICS841402I Datasheet HTML 24Page - Renesas Technology Corp ICS841402I Datasheet HTML 25Page - Renesas Technology Corp ICS841402I Datasheet HTML 26Page - Renesas Technology Corp ICS841402I Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ICS841402I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841402DKI REVISION A NOVEMBER 7, 2012
23
©2012 Integrated Device Technology, Inc.
Reliability Information
Table 8. JA vs. Air Flow Table for a 32 Lead VFQFN
Transistor Count
The transistor count for ICS841402I is: 12,330
JA vs. Air Flow
Meters per Second
013
Multi-Layer PCB, JEDEC Standard Test Boards
33.1°C/W
28.1°C/W
25.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com