Electronic Components Datasheet Search
  English  ▼

X  

ICS841484I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS841484I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841484I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS841484I Datasheet HTML 2Page - Renesas Technology Corp ICS841484I Datasheet HTML 3Page - Renesas Technology Corp ICS841484I Datasheet HTML 4Page - Renesas Technology Corp ICS841484I Datasheet HTML 5Page - Renesas Technology Corp ICS841484I Datasheet HTML 6Page - Renesas Technology Corp ICS841484I Datasheet HTML 7Page - Renesas Technology Corp ICS841484I Datasheet HTML 8Page - Renesas Technology Corp ICS841484I Datasheet HTML 9Page - Renesas Technology Corp ICS841484I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ICS841484I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841484DKI REVISION A NOVEMBER 7, 2012
6
©2012 Integrated Device Technology, Inc.
Table 6B. AC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTES continued on next page.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output
Frequency
Q[0:3], nQ[0:3]
100
MHz
125
MHz
200
MHz
400
MHz
REF_OUT
25
MHz
fIN
Input Frequency
REF_IN
REF_SEL = 1, BYPASS = 0
25
MHz
tsk(o)
Output Skew; NOTE 1, 2
70
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 2
fOUT = 100MHz, N = 12,
OE_REFOUT = 1,SSM = 0
60
100
ps
fOUT = 125MHz, N = 8,
OE_REFOUT = 1, SSM = 0
35
92
ps
fOUT = 200MHz, N = 6,
OE_REFOUT = 1, SSM = 0
20
72
ps
fOUT = 400MHz, N = 3,
OE_REFOUT = 1, SSM = 0
15
36
ps
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 3
fOUT = 100MHz (12kHz – 20MHz)
1.21
1.6
ps
fOUT = 125MHz (12kHz – 20MHz)
1.47
1.6
ps
fOUT = 200MHz (12kHz – 20MHz)
1.23
1.6
ps
fOUT = 400MHz (12kHz – 20MHz)
1.32
2
ps
tL
PLL Lock Time
85
ms
VMAX
Absolute Maximum Output Voltage;
NOTE 4, 5
1150
mV
VMIN
Absolute Minimum Output Voltage;
NOTE 4, 6
-300
mV
VRB
Ringback Voltage; NOTE 7, 8
-100
100
mV
tSTABLE
Time before VRB is allowed; NOTE
7, 8
500
ps
FM
SSC Modulation Frequency; NOTE
9
29
32
33.33
kHz
FMF
SSC Modulation Factor;
NOTE 9
-0.5
%
SSCRED
Spectral Reduction; NOTE 9
10
dB
VCROSS
Absolute Crossing Voltage;
NOTE 4, 10, 11
125
560
mV
V
CROSS
Total Variation of VCROSS;
NOTE 4, 10, 12
140
mV
tSLEW +
tSLEW -
Rising/Falling Edge Rate;
NOTE 7, 13
Measured between
-150mV to +150mV
0.6
4.7
V/ns
tR / tF
Output
Rise/Fall Time
REF_OUT
690
1550
ps
odc
Output
Duty Cycle
Q[0:3], nQ[0:3]
N = 8, N = 12
45
55
%
Q[0:3], nQ[0:3]
N
644
56
%
REF_OUT;
NOTE 14
Using REF_IN Input
48
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com