Electronic Components Datasheet Search
  English  ▼

X  

ICS843241 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS843241
Description  FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843241 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS843241 Datasheet HTML 6Page - Renesas Technology Corp ICS843241 Datasheet HTML 7Page - Renesas Technology Corp ICS843241 Datasheet HTML 8Page - Renesas Technology Corp ICS843241 Datasheet HTML 9Page - Renesas Technology Corp ICS843241 Datasheet HTML 10Page - Renesas Technology Corp ICS843241 Datasheet HTML 11Page - Renesas Technology Corp ICS843241 Datasheet HTML 12Page - Renesas Technology Corp ICS843241 Datasheet HTML 13Page - Renesas Technology Corp ICS843241 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IDT™ / ICS™ SAS/SATA CLOCK GENERATOR
10
ICS843241BG REV. A AUGUST 20, 2008
ICS843241
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
TERMINATION FOR 3.3V LVPECL OUTPUTS
The clock layout topology shown below is a typical termination
for LVPECL outputs. The two different layouts mentioned are rec-
ommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that gen-
erate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
Ω
FIGURE 3B. LVPECL OUTPUT TERMINATION
FIGURE 3A. LVPECL OUTPUT TERMINATION
transmission lines. Matched impedance techniques should be
used to maximize operating frequency and minimize signal dis-
tortion.
Figures 3A and 3B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts
may exist and it would be recommended that the board design-
ers simulate to guarantee compatibility across all printed circuit
and clock component process variations.
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
INPUTS:
LVCMOS CONTROL PINS
All control pins have internal pulldowns; additional resistance is
not required but can be added for additional protection. A 1k
Ω
resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT PINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com