Electronic Components Datasheet Search
  English  ▼

X  

ICS843241 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS843241
Description  FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843241 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS843241 Datasheet HTML 7Page - Renesas Technology Corp ICS843241 Datasheet HTML 8Page - Renesas Technology Corp ICS843241 Datasheet HTML 9Page - Renesas Technology Corp ICS843241 Datasheet HTML 10Page - Renesas Technology Corp ICS843241 Datasheet HTML 11Page - Renesas Technology Corp ICS843241 Datasheet HTML 12Page - Renesas Technology Corp ICS843241 Datasheet HTML 13Page - Renesas Technology Corp ICS843241 Datasheet HTML 14Page - Renesas Technology Corp ICS843241 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IDT™ / ICS™ SAS/SATA CLOCK GENERATOR
11
ICS843241BG REV. A AUGUST 20, 2008
ICS843241
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
TERMINATION FOR 2.5V LVPECL OUTPUTS
Figure 4A and Figure 4B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating
50
Ω to V
CC
- 2V. For V
CC
= 2.5V, the V
CC
- 2V is very close to ground
level. The R3 in Figure 4B can be eliminated and the termination
is shown in
Figure 4C.
FIGURE 4C. 2.5V LVPECL TERMINATION EXAMPLE
FIGURE 4B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 4A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
Zo = 50 Ohm
R1
250
+
-
2.5V
2,5V LVPECL
Driv er
R4
62.5
R3
250
Zo = 50 Ohm
2.5V
VCC=2.5V
R1
50
R3
18
Zo = 50 Ohm
Zo = 50 Ohm
+
-
2,5V LVPECL
Driv er
VCC=2.5V
2.5V
R2
50
2,5V LVPECL
Driv er
VCC=2.5V
R1
50
R2
50
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com