Electronic Components Datasheet Search
  English  ▼

X  

ICS843404 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843404 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS843404 Datasheet HTML 1Page - Renesas Technology Corp ICS843404 Datasheet HTML 2Page - Renesas Technology Corp ICS843404 Datasheet HTML 3Page - Renesas Technology Corp ICS843404 Datasheet HTML 4Page - Renesas Technology Corp ICS843404 Datasheet HTML 5Page - Renesas Technology Corp ICS843404 Datasheet HTML 6Page - Renesas Technology Corp ICS843404 Datasheet HTML 7Page - Renesas Technology Corp ICS843404 Datasheet HTML 8Page - Renesas Technology Corp ICS843404 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS843404 is a low phase noise Fibre
Channel Clock Generator and is a member of
the HiPerClockSTM family of high performance
clock solutions from ICS. The device provides
two banks of one LVPECL output per bank and
one bank of two LVDS outputs. Each bank can be
independently set by using their respective frequency select
pins for the following output frequencies: 318.75MHz,
212.5MHz, 159.375MHz or 106.25MHz, using a 25.5MHz
18pF parallel resonant crystal. The ICS843404 can also be
driven from a 25.5MHz single-ended reference clock. For
system debug or test purposes, the PLL can be bypassed
using the VCO_SEL pin.
FEATURES
• Three banks of outputs: one bank of two LVDS outputs
and two banks of one LVPECL output
• Selectable crystal oscillator interface or
LVCMOS/LVTTL single-ended reference clock input
• Four independently selectable output frequency on each
bank: 318.75MHz, 212.5MHz, 159.375MHz and 106.25MHz
• Maximum output frequency: 318.75MHz
• Crystal input frequency: 25.5MHz
•V
DDO_LVPECL can be set for 3.3V or 2.5V, allowing the
device to generate 3.3V or 2.5V LVPECL levels
• RMS phase jitter at 106.25MHz, using a 25.5MHz crystal
(637kHz to 10MHz intergration): 2.65ps (typical)
Offset
Noise Power
100Hz ................. -89.1 dBc/Hz
1kHz ................. -112.7 dBc/Hz
10kHz ................. -128.0 dBc/Hz
100kHz ................. -130.2 dBc/Hz
• Supply voltage modes:
• V
DD = VDDA = 3.3V
• V
DDO_LVPECL = 3.3V or 2.5V
• V
DDO_LVDS = 3.3V
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
• Industrial termperature information available upon request
HiPerClockS™
ICS
PIN ASSIGNMENT
0
1
0
1
Phase
Detector
VCO
637.5MHz
(Fixed)
M = 25 (fixed)
LVDS_FSEL1:0
0 0
÷2
0 1
÷3
1 0
÷4
1 1
÷6
LVPECL_FSELA1:0
0 0
÷2
0 1
÷3
1 0
÷4
1 1
÷6
LVPECL_FSELB1:0
0 0
÷2
0 1
÷3
1 0
÷4
1 1
÷6
25.5MHz
V
DDO_LVPECL
V
DDO_LVDS
OSC
BLOCK DIAGRAM
VCO_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
XTAL_SEL
MR
LVPECLA0
nLVPECLA0
LVPECLB0
nLVPECLB0
LVDS0
nLVDS0
LVDS1
nLVDS1
Pullup
Pulldown
Pullup
Pulldown
ICS843404
28-Lead TSSOP, 173-MIL
4.4mm x 9.7mm x 0.92mm
body package
G Package
Top View
MR
VCO_SEL
VDDo_LVDS
LVDS0
nLVDS0
LVDS1
nLVDS1
nc
LVPECL_FSELB0
LVPECL_FSELB1
nc
VDDA
LVPECL_FSELA0
VDD
LVDS_FSEL0
LVDS_FSEL1
VDDO_LVPECL
LVPECLA0
nLVPECLA0
LVPECLB0
nLVPECLB0
XTAL_SEL
TEST_CLK
GND
GND
XTAL_IN
XTAL_OUT
LVPECL_FSELA1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DATA SHEET
ICS843404
IDT™ / ICS™ LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
ICS843404
1
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK
GENERATOR


Similar Part No. - ICS843404

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS843404AG ICST-ICS843404AG Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS843404AGLF ICST-ICS843404AGLF Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS843404AGLFT ICST-ICS843404AGLFT Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS843404AGT ICST-ICS843404AGT Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
More results

Similar Description - ICS843404

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 29, 2004
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
logo
Integrated Device Techn...
ICS843SDN IDT-ICS843SDN Datasheet
830Kb / 14P
FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
843021 IDT-843021 Datasheet
282Kb / 15P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com