Electronic Components Datasheet Search
  English  ▼

X  

ICS87004I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS87004I
Description  1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87004I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS87004I Datasheet HTML 6Page - Renesas Technology Corp ICS87004I Datasheet HTML 7Page - Renesas Technology Corp ICS87004I Datasheet HTML 8Page - Renesas Technology Corp ICS87004I Datasheet HTML 9Page - Renesas Technology Corp ICS87004I Datasheet HTML 10Page - Renesas Technology Corp ICS87004I Datasheet HTML 11Page - Renesas Technology Corp ICS87004I Datasheet HTML 12Page - Renesas Technology Corp ICS87004I Datasheet HTML 13Page - Renesas Technology Corp ICS87004I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ICS87004AGI REVISION D JANUARY 4, 2010
10
©2009 Integrated Device Technology, Inc.
ICS87004I Data Sheet
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
Application Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The ICS87004I provides separate
power supplies to isolate any high switching noise from the outputs
to the internal PLL. VDD, VDDA and VDDO should be individually
connected to the power supply plane through vias, and 0.01µF
bypass capacitors should be used for each pin. Figure 1 illustrates
this for a generic VDD pin and also shows that VDDA requires that an
additional 10
Ω resistor along with a 10µF bypass capacitor be
connected to the VDDA pin. The 10Ω resistor can also be replaced by
a ferrite bead.
Figure 1. Power Supply Filtering
Wiring the Differential Input to Accept Single Ended Levels
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = VDD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to position the V_REF in the
center of the input voltage swing. For example, if the input clock swing
is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and R2/R1 =
0.609.
Figure 2. Single-Ended Signal Driving Differential Input
Recommendations for Unused Input and Output Pins
Inputs:
CLK/nCLK Inputs
For applications not requiring the use of the differential input, both
CLK and nCLK can be left floating. Though not required, but for
additional protection, a 1k
Ω resistor can be tied from CLK to ground.
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional protection.
A 1k
Ω resistor can be used.
Outputs:
LVCMOS Outputs
All unused LVCMOS output can be left floating. There should be no
trace attached.
VDD
VDDA
3.3V or 2.5V
10
Ω
10µF
.01µF
.01µF
V_REF
Single Ended Clock Input
VDD
CLKx
nCLKx
R1
1K
C1
0.1u
R2
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com