Electronic Components Datasheet Search
  English  ▼

X  

ICS91718 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS91718
Description  Low EMI, Spread Modulating, Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91718 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS91718 Datasheet HTML 1Page - Renesas Technology Corp ICS91718 Datasheet HTML 2Page - Renesas Technology Corp ICS91718 Datasheet HTML 3Page - Renesas Technology Corp ICS91718 Datasheet HTML 4Page - Renesas Technology Corp ICS91718 Datasheet HTML 5Page - Renesas Technology Corp ICS91718 Datasheet HTML 6Page - Renesas Technology Corp ICS91718 Datasheet HTML 7Page - Renesas Technology Corp ICS91718 Datasheet HTML 8Page - Renesas Technology Corp ICS91718 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ICS91718
0500D—07/15/04
Table 1: Frequency Configuration Table
(See I2C Byte 0)
FS4 FS3 FS2 FS1 FS0 Sprd Type Sprd %
0000
0
0.80
0000
1
1.00
0001
0
1.25
0001
1
1.50
0010
0
1.75
0010
1
2.00
0011
0
2.50
0011
1
0.60
0100
0
1.00
0100
1
1.25
0101
0
1.50
0101
1
2.00
0110
0
1.25
0110
1
1.00
0111
0
1.50
0111
1
2.00
1000
0
0.80
1000
1
1.00
1001
0
1.25
1001
1
1.50
1010
0
1.75
1010
1
2.00
1011
0
2.50
1011
1
3.00
1100
0
0.30
1100
1
0.40
1101
0
0.50
1101
1
0.60
1110
0
0.80
1110
1
1.00
1111
0
1.25
1111
1
1.50
For 14.318 in 48.008 out default is…
..00001
For 14.318 in 66.66 out default is…
…
01101
For 48/48 and 66/66 default is…
…
…
.10001
48in/48out
66in/66out
DOWN
SPREAD
(-)
CENTER
SPREAD
(+/-)
14in/48out
DOWN
SPREAD
(-)
CENTER
SPREAD
(+/-)
14in/66out
DOWN
SPREAD
(-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com