Electronic Components Datasheet Search
  English  ▼

X  

ICS91718 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS91718
Description  Low EMI, Spread Modulating, Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91718 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS91718 Datasheet HTML 1Page - Renesas Technology Corp ICS91718 Datasheet HTML 2Page - Renesas Technology Corp ICS91718 Datasheet HTML 3Page - Renesas Technology Corp ICS91718 Datasheet HTML 4Page - Renesas Technology Corp ICS91718 Datasheet HTML 5Page - Renesas Technology Corp ICS91718 Datasheet HTML 6Page - Renesas Technology Corp ICS91718 Datasheet HTML 7Page - Renesas Technology Corp ICS91718 Datasheet HTML 8Page - Renesas Technology Corp ICS91718 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ICS91718
0500D—07/15/04
Block Diagram
Pin Configuration
8-pin SOIC & TSSOP
Features:
•
ICS91718 is a Spread Spectrum Clock targeted
for Mobile PC and LCD panel applications.
Generates an EMI optimized clock signal (EMI
peak reduction of 7-14 dB on 3rd-19th harmonics)
through use of Spread Spectrum techniques.
•
ICS91718 operates with input frequencies at
14.318 - 80 MHz.
•
Spread modulation frequency range is 20kHz to
40kHz.
•
Spread percentage/type programming through
I
2C.
Specifications:
•
Supply Voltages: VDD = 3.3V ±0.3V
•
Cyc to Cyc jitter: <150ps
•
Output duty cycle 45/55%
•
Guarantees +85°C operational condition
•
8-pin SOIC (150 mil) package
Low EMI, Spread Modulating, Clock Generator
Notes:
*
Internal pull-up resistor
** Internal pull-down resistor
Input Select Functionality
CLK
CL
REFOUT
KOUT
OUT
PD#
PD#
CLKIN
CLKIN
PLL1
PLL1
Spread
Spread
Spectr
Spectrum
um
SD
SDA
AT
TA
A
SCLK
SCLK
FS_IN0:1
Control
Control
Logic
Logic
Config.
Config.
Reg.
Reg.
CLKIN 18 PD#*
VDD 27 SCLK
GND 36 SDATA
**CLKOUT/FS_IN0 45 REF_OUT/FS_IN1**
FS_IN1 FS_IN0
MHz
SPREAD %
00
14.318 in
48.00 out
-1.0% down sprd
01
14.318 in
66.66 out
-1.0% down sprd
10
48.00 in/out
66.66 in/out
-1.0% down sprd
11
48.00 in/out
66.66 in/out
+/-1.0% center sprd


Similar Part No. - ICS91718

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91718YGLF-T ICST-ICS91718YGLF-T Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91718YMLF-T ICST-ICS91718YMLF-T Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
More results

Similar Description - ICS91718

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91720 ICST-ICS91720 Datasheet
91Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91719 ICST-ICS91719 Datasheet
76Kb / 10P
Low EMI, Spread Modulating, Clock Generator
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Integrated Device Techn...
ICS91730 IDT-ICS91730 Datasheet
165Kb / 11P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
logo
Renesas Technology Corp
ICS91719 RENESAS-ICS91719 Datasheet
307Kb / 11P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com