Electronic Components Datasheet Search
  English  ▼

X  

ICS950219 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS950219
Description  Programmable Timing Control Hub™ for P4™
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950219 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS950219 Datasheet HTML 1Page - Renesas Technology Corp ICS950219 Datasheet HTML 2Page - Renesas Technology Corp ICS950219 Datasheet HTML 3Page - Renesas Technology Corp ICS950219 Datasheet HTML 4Page - Renesas Technology Corp ICS950219 Datasheet HTML 5Page - Renesas Technology Corp ICS950219 Datasheet HTML 6Page - Renesas Technology Corp ICS950219 Datasheet HTML 7Page - Renesas Technology Corp ICS950219 Datasheet HTML 8Page - Renesas Technology Corp ICS950219 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS950219
Preliminary Product Preview
0640D—12/30/03
Pin Configuration
Recommended Application:
CK-408 clock for Intel® 845 chipset with P4 processor.
Output Features:
3 - Pairs of differential CPU clocks (differential current mode)
4 - 3V66 @ 3.3V
10 - PCI @ 3.3V
1 - 48MHz @ 3.3V
24-48 MHz selectable output @ 3.3V
2 - REF @ 3.3V, 14.318MHz
Features/Benefits:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/write operations.
Uses external 14.318MHz crystal.
Key Specifications:
CPU Output Jitter <150ps
3V66 Output Jitter <250ps
CPU Output Skew <100ps
Programmable Timing Control Hub™ for P4™
* Internal Pull-up resistor of 120K to VDD
48-Pin 300-mil SSOP
Frequency Table
2
t
i
B7
t
i
B6
t
i
B5
t
i
B4
t
i
B
K
L
C
U
P
C
z
H
M
6
6
V
3
z
H
M
K
L
C
I
C
P
z
H
M
4
S
F3
S
F2
S
F1
S
F0
S
F
00
0
0
0
0
0
.
2
0
10
0
.
8
60
0
.
4
3
00
0
0
1
0
0
.
5
0
10
0
.
0
70
0
.
5
3
00
0
1
0
0
0
.
8
0
10
0
.
2
70
0
.
6
3
00
0
1
1
0
0
.
1
1
10
0
.
4
70
0
.
7
3
00
1
0
0
0
0
.
4
1
10
0
.
6
70
0
.
8
3
00
1
0
1
0
0
.
7
1
10
0
.
8
70
0
.
9
3
00
1
1
0
0
0
.
0
2
10
0
.
0
80
0
.
0
4
00
1
1
1
0
0
.
3
2
10
0
.
2
80
0
.
1
4
01
0
0
0
0
0
.
6
2
10
0
.
2
70
0
.
6
3
01
0
0
1
0
0
.
0
3
10
3
.
4
70
1
.
7
3
01
0
1
0
0
0
.
6
3
10
0
.
8
60
0
.
4
3
01
0
1
1
0
0
.
0
4
10
0
.
0
70
0
.
5
3
01
1
0
0
0
0
.
4
4
10
0
.
2
70
0
.
6
3
01
1
0
1
0
0
.
8
4
10
0
.
4
70
0
.
7
3
01
1
1
0
0
0
.
2
5
10
0
.
6
70
0
.
8
3
01
1
1
1
0
0
.
6
5
10
0
.
8
70
0
.
9
3
10
0
0
0
0
0
.
0
6
10
0
.
0
80
0
.
0
4
10
0
0
1
0
0
.
4
6
10
0
.
2
80
0
.
1
4
10
0
1
0
6
6
.
6
6
16
6
.
6
63
3
.
3
3
10
0
1
1
0
0
.
0
7
10
0
.
8
60
0
.
4
3
10
1
0
0
0
0
.
5
7
10
0
.
0
70
0
.
5
3
10
1
0
1
0
0
.
0
8
10
0
.
2
70
0
.
6
3
10
1
1
0
0
0
.
5
8
10
0
.
4
70
0
.
7
3
10
1
1
1
0
0
.
0
9
10
0
.
6
70
0
.
8
3
11
0
0
0
0
8
.
6
60
8
.
6
60
4
.
3
3
11
0
0
1
0
2
.
0
0
10
8
.
6
60
4
.
3
3
11
0
1
0
0
6
.
3
3
10
8
.
6
60
4
.
3
3
11
0
1
1
0
4
.
0
0
20
8
.
6
60
4
.
3
3
11
1
0
0
6
6
.
6
66
6
.
6
63
3
.
3
3
11
1
0
1
0
0
.
0
0
16
6
.
6
63
3
.
3
3
11
1
1
0
0
0
.
0
0
26
6
.
6
63
3
.
3
3
11
1
1
1
3
3
.
3
3
16
6
.
6
63
3
.
3
3
*MULTISEL1/REF1
VDDREF
X1
X2
GND
*FS2/PCICLK0
*FS3/PCICLK1
PCICLK2
VDDPCI
*FS4/PCICLK3
PCICLK4
PCICLK5
GND
PCICLK6
PCICLK7
PCICLK8
PCICLK9
VDDPCI
Vtt_PWRGD#
RESET#
GND
*FS0/48MHz
*FS1/24_48MHz
AVDD48
REF0/MULTSEL0*
GND
VDDCPU
CPUCLKT2
CPUCLKC2
GND
PD#
CPUCLKT0
CPUCLKC0
VDDCPU
CPUCLKT1
CPUCLKC1
GND
I REF
AVDD
GND
VDD3V66
3V66_0
3V66_1
GND
3V66_2
3V66_3
SCLK
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to change
without notice.


Similar Part No. - ICS950219

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950211 ICST-ICS950211 Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
logo
Renesas Technology Corp
ICS950211 RENESAS-ICS950211 Datasheet
376Kb / 22P
Programmable Timing Control Hub™ for P4™
2019
logo
Integrated Circuit Syst...
ICS950211YFLF-T ICST-ICS950211YFLF-T Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
ICS950211YGLF-T ICST-ICS950211YGLF-T Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
ICS950218 ICST-ICS950218 Datasheet
137Kb / 19P
Programmable Timing Control Hub TM for P4 TM
More results

Similar Description - ICS950219

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
952001 RENESAS-952001 Datasheet
398Kb / 18P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
ICS950211 RENESAS-ICS950211 Datasheet
376Kb / 22P
Programmable Timing Control Hub™ for P4™
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950220 RENESAS-ICS950220 Datasheet
425Kb / 21P
Programmable Timing Control Hub™ for P4™
03/02/07
ICS950227 RENESAS-ICS950227 Datasheet
314Kb / 18P
Programmable Timing Control Hub™ for P4™
07/03/03
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS952011 RENESAS-ICS952011 Datasheet
357Kb / 26P
Programmable Timing Control Hub™ for P4™ processor
2019
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com