Electronic Components Datasheet Search
  English  ▼

X  

ICS950219 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS950219
Description  Programmable Timing Control Hub™ for P4™
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950219 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS950219 Datasheet HTML 1Page - Renesas Technology Corp ICS950219 Datasheet HTML 2Page - Renesas Technology Corp ICS950219 Datasheet HTML 3Page - Renesas Technology Corp ICS950219 Datasheet HTML 4Page - Renesas Technology Corp ICS950219 Datasheet HTML 5Page - Renesas Technology Corp ICS950219 Datasheet HTML 6Page - Renesas Technology Corp ICS950219 Datasheet HTML 7Page - Renesas Technology Corp ICS950219 Datasheet HTML 8Page - Renesas Technology Corp ICS950219 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS950219
Preliminary Product Preview
0640D—12/30/03
The ICS950219 is a single chip clock solution for desktop designs using the Intel 845 chipset with PC133 or DDR memory. It
provides all necessary clock signals for such a system.
The ICS950219 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). ICS is the first
to introduce a whole product line which offers full programmability and flexibility on a single clock device.This part incorporates ICS's
newest clock technology which offers more robust features and functionality. Employing the use of a serially programmable I
2C
interface, this device can adjust the output clocks by configuring the frequency setting, the output divider ratios, selecting the ideal
spread percentage, the output skew, the output strength, and enabling/disabling each individual output clock.TCH also incorporates
ICS's Watchdog Timer technology and a reset feature to provide a safe setting under unstable system conditions. M/N control can
configure output frequency with resolution up to 0.1MHz increment.With all these programmable features ICS's, TCH makes mother
board testing, tuning and improvement very simple.
General Description
AVDD
GND
2
47
REF output, Crystal
24
21
48MHz fixed, Fixed PLL
39
43
CPU Outputs, CPU PLL, CPU Master
Clock,
VDD
GND
--
9, 18
5, 13
PCI outputs
32
29
3V66 outputs
46
36
CPU Outputs, IREF, MULTSEL
Pin Number
Description
Power Groups
Block Diagram
PLL2
PLL1
Spread
Spectrum
PCICLK (9:0)
3V66 (3:0)
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
3V66
DIVDER
PD#
MULTSEL(1:0)
SDATA
SCLK
Vtt_PWRGD#
FS (4:0)
I REF
RESET#
Control
Logic
Config.
Reg.
REF (1:0)
3
10
4
3
CPUCLKT (2:0)
CPUCLKC (2:0)
48MHz
24_48MHz
/ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com