Electronic Components Datasheet Search
  English  ▼

X  

LP5861 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP5861
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5861 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5861 Datasheet HTML 19Page - Texas Instruments LP5861 Datasheet HTML 20Page - Texas Instruments LP5861 Datasheet HTML 21Page - Texas Instruments LP5861 Datasheet HTML 22Page - Texas Instruments LP5861 Datasheet HTML 23Page - Texas Instruments LP5861 Datasheet HTML 24Page - Texas Instruments LP5861 Datasheet HTML 25Page - Texas Instruments LP5861 Datasheet HTML 26Page - Texas Instruments LP5861 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
8.4 Device Functional Modes
SOFTWARE RESET
STANDBY
UVLO = L AND t > tPOR_H
From all states
RESET = FF
SHUTDOWN
EN = L
From all states
VCC Power Up
Chip_EN = 1 AND t > tCHIP_EN
Chip_EN = 0
NORMAL
THERMAL
SHUTDOWN
TSD=H
TSD=L
HARDWARE POR
EN = H
From all states
UVLO = H
Figure 8-13. Device Functional Modes
• SHUTDOWN: The device enters into SHUTDOWN mode from all states on VCC power up or EN pin is low.
• HARDWARE POR: The device enters into HARDWARE POR when Enable pin is high or VCC fall under VUVF
causing UVLO=H from all states.
• SOFTWARE RESET: The device enters into SOFTWARE RESET mode when VCC rise higher than VUVR
with the time t > tPOR_H. In this mode, all the registers are reset. Entry can also be from any state when the
RESET (register) = FFh or UVLO is low.
• STANDBY: The device enters the STANDBY mode when Chip_EN (register) = 0. In this mode, device enters
into low power mode, but the I2C/SPI are still available for Chip_EN only and the registers’ data are retained.
• NORMAL: The device enters the NORMAL mode when 'Chip_EN' = 1 with the time t > tCHIP_EN.
• THERMAL SHUTDOWN: The device automatically enters the THERMAL SHUTDOWN mode when the
junction temperature exceeds 160°C (typical). If the junction temperature decreases below 145°C (typical),
the device returns to the NORMAL mode.
www.ti.com
LP5860T
SNVSCE1 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com