Electronic Components Datasheet Search
  English  ▼

X  

LP5861 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP5861
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5861 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5861 Datasheet HTML 25Page - Texas Instruments LP5861 Datasheet HTML 26Page - Texas Instruments LP5861 Datasheet HTML 27Page - Texas Instruments LP5861 Datasheet HTML 28Page - Texas Instruments LP5861 Datasheet HTML 29Page - Texas Instruments LP5861 Datasheet HTML 30Page - Texas Instruments LP5861 Datasheet HTML 31Page - Texas Instruments LP5861 Datasheet HTML 32Page - Texas Instruments LP5861 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Register
Acronym
Address Type
D7
D6
D5
D4
D3
D2
D1
D0
Default
Dot_onoff1
044h
R/W
Dot L0-
CS15
onoff
Dot L0-
CS14
onoff
Dot L0-
CS13
onoff
Dot L0-
CS12
onoff
Dot L0-
CS11
onoff
Dot L0-
CS10
onoff
Dot L0-
CS9 onoff
Dot L0-
CS8 onoff
FFh
Dot_onoff2
045h
R/W
Reserved
Dot L0-
CS17
onoff
Dot L0-
CS16
onoff
03h
Dot_onoff3
046h
R/W
Dot L1-
CS7 onoff
Dot L1-
CS6 onoff
Dot L1-
CS5 onoff
Dot L1-
CS4 onoff
Dot L1-
CS3 onoff
Dot L1-
CS2 onoff
Dot L1-
CS1 onoff
Dot L1-
CS0 onoff
FFh
Dot_onoff4
047h
R/W
Dot L1-
CS15
onoff
Dot L1-
CS14
onoff
Dot L1-
CS13
onoff
Dot L1-
CS12
onoff
Dot L1-
CS11
onoff
Dot L1-
CS10
onoff
Dot L1-
CS9 onoff
Dot L1-
CS8 onoff
FFh
Dot_onoff5
048h
R/W
Reserved
Dot L1-
CS17
onoff
Dot L1-
CS16
onoff
03h
Dot_onoff6
049h
R/W
Dot L2-
CS7 onoff
Dot L2-
CS6 onoff
Dot L2-
CS5 onoff
Dot L2-
CS4 onoff
Dot L2-
CS3 onoff
Dot L2-
CS2 onoff
Dot L2-
CS1 onoff
Dot L2-
CS0 onoff
FFh
Dot_onoff7
04Ah
R/W
Dot L2-
CS15
onoff
Dot L2-
CS14
onoff
Dot L2-
CS13
onoff
Dot L2-
CS12
onoff
Dot L2-
CS11
onoff
Dot L2-
CS10
onoff
Dot L2-
CS9 onoff
Dot L2-
CS8 onoff
FFh
Dot_onoff8
04Bh
R/W
Reserved
Dot L2-
CS17
onoff
Dot L2-
CS16
onoff
03h
Dot_onoff9
04Ch
R/W
Dot L3-
CS7 onoff
Dot L3-
CS6 onoff
Dot L3-
CS5 onoff
Dot L3-
CS4 onoff
Dot L3-
CS3 onoff
Dot L3-
CS2 onoff
Dot L3-
CS1 onoff
Dot L3-
CS0 onoff
FFh
Dot_onoff10
04Dh
R/W
Dot L3-
CS15
onoff
Dot L3-
CS14
onoff
Dot L3-
CS13
onoff
Dot L3-
CS12
onoff
Dot L3-
CS11
onoff
Dot L3-
CS10
onoff
Dot L3-
CS9 onoff
Dot L3-
CS8 onoff
FFh
Dot_onoff11
04Eh
R/W
Reserved
Dot L3-
CS17
onoff
Dot L3-
CS16
onoff
03h
Dot_onoff12
04Fh
R/W
Dot L4-
CS7 onoff
Dot L4-
CS6 onoff
Dot L4-
CS5 onoff
Dot L4-
CS4 onoff
Dot L4-
CS3 onoff
Dot L4-
CS2 onoff
Dot L4-
CS1 onoff
Dot L4-
CS0 onoff
FFh
Dot_onoff13
050h
R/W
Dot L4-
CS15
onoff
Dot L4-
CS14
onoff
Dot L4-
CS13
onoff
Dot L4-
CS12
onoff
Dot L4-
CS11
onoff
Dot L4-
CS10
onoff
Dot L4-
CS9 onoff
Dot L4-
CS8 onoff
FFh
Dot_onoff14
051h
R/W
Reserved
Dot L4-
CS17
onoff
Dot L4-
CS16
onoff
03h
Dot_onoff15
052h
R/W
Dot L5-
CS7 onoff
Dot L5-
CS6 onoff
Dot L5-
CS5 onoff
Dot L5-
CS4 onoff
Dot L5-
CS3 onoff
Dot L5-
CS2 onoff
Dot L5-
CS1 onoff
Dot L5-
CS0 onoff
FFh
Dot_onoff16
053h
R/W
Dot L5-
CS15
onoff
Dot L5-
CS14
onoff
Dot L5-
CS13
onoff
Dot L5-
CS12
onoff
Dot L5-
CS11
onoff
Dot L5-
CS10
onoff
Dot L5-
CS9 onoff
Dot L5-
CS8 onoff
FFh
Dot_onoff17
054h
R/W
Reserved
Dot L5-
CS17
onoff
Dot L5-
CS16
onoff
03h
Dot_onoff18
055h
R/W
Dot L6-
CS7 onoff
Dot L6-
CS6 onoff
Dot L6-
CS5 onoff
Dot L6-
CS4 onoff
Dot L6-
CS3 onoff
Dot L6-
CS2 onoff
Dot L6-
CS1 onoff
Dot L6-
CS0 onoff
FFh
Dot_onoff19
056h
R/W
Dot L6-
CS15
onoff
Dot L6-
CS14
onoff
Dot L6-
CS13
onoff
Dot L6-
CS12
onoff
Dot L6-
CS11
onoff
Dot L6-
CS10
onoff
Dot L6-
CS9 onoff
Dot L6-
CS8 onoff
FFh
Dot_onoff20
057h
R/W
Reserved
Dot L6-
CS17
onoff
Dot L6-
CS16
onoff
03h
Dot_onoff21
058h
R/W
Dot L7-
CS7 onoff
Dot L7-
CS6 onoff
Dot L7-
CS5 onoff
Dot L7-
CS4 onoff
Dot L7-
CS3 onoff
Dot L7-
CS2 onoff
Dot L7-
CS1 onoff
Dot L7-
CS0 onoff
FFh
www.ti.com
LP5860T
SNVSCE1 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com