Electronic Components Datasheet Search
  English  ▼

X  

LP5861 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP5861
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5861 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5861 Datasheet HTML 28Page - Texas Instruments LP5861 Datasheet HTML 29Page - Texas Instruments LP5861 Datasheet HTML 30Page - Texas Instruments LP5861 Datasheet HTML 31Page - Texas Instruments LP5861 Datasheet HTML 32Page - Texas Instruments LP5861 Datasheet HTML 33Page - Texas Instruments LP5861 Datasheet HTML 34Page - Texas Instruments LP5861 Datasheet HTML 35Page - Texas Instruments LP5861 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Table 8-24. Dot_grp_sel0 Register Field Descriptions (continued)
Bit
Field
Type
Default
Description
3-2
CS1_group
R/W
0h
CS1 group PWM control setting
0h = No group
1h = Group 1
2h = Group 2
3h = Group 3
1-0
CS0_group
R/W
0h
CS0 group PWM control setting
0h = No group
1h = Group 1
2h = Group 2
3h = Group 3
8.6.3.2 Dot_grp_sel1 Register (Address = Dh) [Default = 0h]
Dot_grp_sel1 is shown in Figure 8-30 and described in Table 8-25.
Return to the Summary Table.
Figure 8-30. Dot_grp_sel1 Register
7
6
5
4
3
2
1
0
CS7_group
CS6_group
CS5_group
CS4_group
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-25. Dot_grp_sel1 Register Field Descriptions
Bit
Field
Type
Default
Description
7-6
CS7_group
R/W
0h
CS7 group PWM control setting
0h = No group
1h = Group 1
2h = Group 2
3h = Group 3
5-4
CS6_group
R/W
0h
CS6 group PWM control setting
0h = No group
1h = Group 1
2h = Group 2
3h = Group 3
3-2
CS5_group
R/W
0h
CS5 group PWM control setting
0h = No group
1h = Group 1
2h = Group 2
3h = Group 3
1-0
CS4_group
R/W
0h
CS4 group PWM control setting
0h = No group
1h = Group 1
2h = Group 2
3h = Group 3
8.6.3.3 Dot_grp_sel2 Register (Address = Eh) [Default = 0h]
Dot_grp_sel2 is shown in Figure 8-31 and described in Table 8-26.
Return to the Summary Table.
Figure 8-31. Dot_grp_sel2 Register
7
6
5
4
3
2
1
0
CS11_group
CS10_group
CS9_group
CS8_group
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com