Electronic Components Datasheet Search
  English  ▼

X  

LP5861 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP5861
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5861 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5861 Datasheet HTML 25Page - Texas Instruments LP5861 Datasheet HTML 26Page - Texas Instruments LP5861 Datasheet HTML 27Page - Texas Instruments LP5861 Datasheet HTML 28Page - Texas Instruments LP5861 Datasheet HTML 29Page - Texas Instruments LP5861 Datasheet HTML 30Page - Texas Instruments LP5861 Datasheet HTML 31Page - Texas Instruments LP5861 Datasheet HTML 32Page - Texas Instruments LP5861 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
Table 8-15. GROUP Registers
Address
Acronym
Register Name
Section
5h
Master_bri
Global PWM configuration
Go
6h
Group0_bri
Group1 PWM configuration
Go
7h
Group1_bri
Group2 PWM configuration
Go
8h
Group2_bri
Group3 PWM configuration
Go
9h
R_current_set
Group1 current configuration
Go
Ah
G_current_set
Group2 current configuration
Go
Bh
B_current_set
Group3 current configuration
Go
8.6.2.1 Master_bri Register (Address = 5h) [Default = FFh]
Master_bri is shown in Figure 8-22 and described in Table 8-16.
Return to the Summary Table.
Figure 8-22. Master_bri Register
7
6
5
4
3
2
1
0
PWM_Global
R/W-FFh
Table 8-16. Master_bri Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
PWM_Global
R/W
FFh
Global PWM setting
8.6.2.2 Group0_bri Register (Address = 6h) [Default = FFh]
Group0_bri is shown in Figure 8-23 and described in Table 8-17.
Return to the Summary Table.
Figure 8-23. Group0_bri Register
7
6
5
4
3
2
1
0
PWM_Group1
R/W-FFh
Table 8-17. Group0_bri Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
PWM_Group1
R/W
FFh
Group1 PWM setting
8.6.2.3 Group1_bri Register (Address = 7h) [Default = FFh]
Group1_bri is shown in Figure 8-24 and described in Table 8-18.
Return to the Summary Table.
Figure 8-24. Group1_bri Register
7
6
5
4
3
2
1
0
PWM_Group2
R/W-FFh
www.ti.com
LP5861T
SNVSCE4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com