Electronic Components Datasheet Search
  English  ▼

X  

LM37101S-3.3V Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM37101S-3.3V
Description  1A Low-Voltage Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37101S-3.3V Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM37101S-3.3V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37100/1/37102
Jun. 2015
– R1.4
- 1
-
HTC
FEATURES
 Fixed and adjustable output voltages to 1.24V
 470mV typical dropout at 1A
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.5V conversion
 1A minimum guaranteed output current
 1% initial accuracy
 Low ground current
 Current limiting and thermal shutdown
 Reversed-battery protection
 Reversed-leakage protection
 Fast transient response
 Moisture Sensitivity Level 3
APPLICATION
 Battery Powered Equipments
 Motherboards and Graphic Cards
 Microprocessor Power Supplies
 Peripheral Cards
 High Efficiency Linear Regulators
 Battery Chargers
DESCRIPTION
SOT-223 PKG
SOP-8 PKG
TO-252 PKG
ORDERING INFORMATION
Device
Package
LM37100S-X.X
SOT-233
LM37101D-X.X
SOP-8
LM37102D
LM37101RS-X.X
TO-252
LM37102RS
X.X = Output Voltage = 1.5, 1.8, 2.5, 3.3, 5.0
The LM37100/1/2 is 1A low-dropout linear voltage regulators that provide low-voltage, high-current output. The
LM37100/1/2 offers extremely low dropout (typically 470mV at 1A) and low ground current (typically 12mA at
1A). The LM37100/1 and LM37102 are fixed and adjustable regulators, respectively, in SOT-223, SOP-8 and
TO-252 Package.
The LM37100/1/2 is ideal for PC add-in cards that need to convert from standard 5V to 3.3V, 3.3V to 2.5V or
2.5V to1.8V. A guaranteed maximum dropout voltage of 630mV overall operating conditions allows the
LM37100/1/2 to provide2.5V from a supply as low as 3.13V and 1.8V from a supply as low as 2.43V. The
LM37100/1/2 is fully protected with over current limiting, thermal shutdown, and reversed-battery protection.
Fixed voltages of 5.0V, 3.3V, 2.5V, 1.8V and 1.5V are available on LM37100/1 with adjustable output voltages
to 1.24V on LM37102.
Absolute Maximum Ratings
(Note 1)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Supply Voltage
VIN
- 0.3
+ 20
V
Enable Voltage
VEN
-
+ 20
V
Output Voltage
VOUT
-0.3
VIN +0.3
V
Lead Temperature (Soldering, 5 sec)
TSOL
-
260
℃
Storage Temperature Range
TSTG
-65
+ 150
℃


Similar Part No. - LM37101S-3.3V

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
LM37101D-1.5 HTC-LM37101D-1.5 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
LM37101D-1.8 HTC-LM37101D-1.8 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
LM37101D-2.5 HTC-LM37101D-2.5 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
LM37101D-3.3 HTC-LM37101D-3.3 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
More results

Similar Description - LM37101S-3.3V

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
1A Low-Voltage Low-Dropout Regulator
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com