Electronic Components Datasheet Search
  English  ▼

X  

LM37101S-3.3V Datasheet(PDF) 12 Page - HTC Korea TAEJIN Technology Co.

Part # LM37101S-3.3V
Description  1A Low-Voltage Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37101S-3.3V Datasheet(HTML) 12 Page - HTC Korea TAEJIN Technology Co.

Back Button LM37101S-3.3V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co. LM37101S-3.3V Datasheet HTML 13Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37100/1/37102
Jun. 2015
– R1.4
- 12
-
HTC
Power Disspation(Pd) vs. Copper Area
0.4
0.6
0.8
1
1.2
1.4
1.6
10
100
1000
Copper Area (mm
2)
@ TJ=125℃
T h e r m a l Re s is ta n c e (Θ J A) v s . C o p p e r Ar e a
40
60
80
100
120
140
10
100
1000
C o p p e r Ar e a ( m m
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com