Electronic Components Datasheet Search
  English  ▼

X  

S75WS-P Datasheet(PDF) 12 Page - SPANSION

Part # S75WS-P
Description  based MCP/POP Products
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS-P Datasheet(HTML) 12 Page - SPANSION

Back Button S75WS-P Datasheet HTML 7Page - SPANSION S75WS-P Datasheet HTML 8Page - SPANSION S75WS-P Datasheet HTML 9Page - SPANSION S75WS-P Datasheet HTML 10Page - SPANSION S75WS-P Datasheet HTML 11Page - SPANSION S75WS-P Datasheet HTML 12Page - SPANSION S75WS-P Datasheet HTML 13Page - SPANSION S75WS-P Datasheet HTML 14Page - SPANSION S75WS-P Datasheet HTML 15Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
10
S75WS-P based MCP/POP Products
S75WS-P_00_02 September 6, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
6.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Packing Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S and packing type designator from ordering part number.
S75WS-P Valid Combinations
NOR Flash
Speed (MHz)
pSRAM
Speed (MHz)
pSRAM
Supplier
Package Type
Package
Markings
Device
Package &
Material Set
Package
Descriptor
Model
Number
Packing Type
S75WS256PEF
KF
F
LW
0, 2, 3 (Note 1)s
66
104
Type 2
12 x 12 mm
(Note 2)
JF
5
VS
80
104
Type 2
9 x 12 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com