Electronic Components Datasheet Search
  English  ▼

X  

A7P Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # A7P
Description  Thumbwheel Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7P Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button A7P Datasheet HTML 17Page - Omron Electronics LLC A7P Datasheet HTML 18Page - Omron Electronics LLC A7P Datasheet HTML 19Page - Omron Electronics LLC A7P Datasheet HTML 20Page - Omron Electronics LLC A7P Datasheet HTML 21Page - Omron Electronics LLC A7P Datasheet HTML 22Page - Omron Electronics LLC A7P Datasheet HTML 23Page - Omron Electronics LLC A7P Datasheet HTML 24Page - Omron Electronics LLC A7P Datasheet HTML 25Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
A7
j
A7
j
34
Switches with Component-adding Provision
To add diodes or resistors to Thumbwheel Switch circuits, use models with terminals that allocate component-adding provisions (e.g., output
codes 07, 19, 55, etc.).
Examples
Circuit example
Circuit board
Application example
For
mounting
diodes
Diode
Thumbwheel Switch
Note:
Use
the
terminal
marked with the as-
terisk * if the common
terminal needs no re-
sistor or diode.
Diode
Thumbwheel Switch
(e.g., A7PS-207)
For Programmable Controller inputs (OMRON C500 or C2000H)
Thumbwheel Switch
24
VDC
programmable
controller
(+24 V)
(0V)
+24 VDC
For
mounting
resistors
Thumbwheel Switch
Thumbwheel Switch
(e.g., A7PS-219)
Resistor
As a voltage divider or digital variable resistor
Output
Input
Thumbwheel
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com