Electronic Components Datasheet Search
  English  ▼

X  

A7P Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A7P
Description  Thumbwheel Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7P Datasheet(HTML) 4 Page - Omron Electronics LLC

  A7P Datasheet HTML 1Page - Omron Electronics LLC A7P Datasheet HTML 2Page - Omron Electronics LLC A7P Datasheet HTML 3Page - Omron Electronics LLC A7P Datasheet HTML 4Page - Omron Electronics LLC A7P Datasheet HTML 5Page - Omron Electronics LLC A7P Datasheet HTML 6Page - Omron Electronics LLC A7P Datasheet HTML 7Page - Omron Electronics LLC A7P Datasheet HTML 8Page - Omron Electronics LLC A7P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
A7
j
A7
j
15
Ordering Procedure
Configurations
The Thumbwheel Switch is generally used in the configuration
shown below.
4
1: Switch Unit refers to the Switch itself. As each digit is
independent of the others, a number of Switch Units are
assembled to make up just the number of digits needed.
2: Spacers can be used in case the number of digits change due
to a change in specifications. When units for time and length
must be displayed, the necessary letters and symbols can be
printed or stamped. The stamping shown in the following
table can be produced. Inquire for details.
Stamping
Symbol
A
B
C
D
E
F
G
Stamp
No
desig-
nation
SEC
MIN
H
g
kg
mm
Symbol
H
J
K
L
Q
T
U
Stamp
cm
m
°C
PCS
x 10
SEC
0
S
3, 4: End Caps/Side Plates: These are used at both ends of the
Switch Unit to insure a solid mount of each Switch Unit to a
panel. Left and right plates make a set.
5: Connectors: Since the Switch Unit snaps right into a
Connector, accomplishing both attachment and wiring in a
single action, connections, maintenance and inspection are
greatly simplified.
Ordering
Standard products such as the Switch Units and End Caps are not
factory-assembled for shipment. Place orders as shown below,
specifying the model and number of Switch Units.
Ordering Example:
Figure
Product name
Model
Number of
Units
1
Switch Unit
A7BS-206-1
2
2
Spare Unit
A7B-PA-1
1
3
Attachment Board
A7B-M-1
1 set
4
5
Connector
A7B-CP
2
Special Characters and Symbols for Dial Displays
Dials can be ordered with special characters or symbols as well as
with Stoppers attached. Ask your OMRON sales representatives.
Positive, Negative Dials
To order dials marked with +, –, +, –, ... in place of the numerals 0 to
9, add the suffix -PM to the model number. (Refer to page 18 for de-
tails)
Example: A7PS-203-PM
Attaching Stoppers
Stoppers are used to limit the display range from 0 to 9 down to 0 to
5, for example.
Add -S
jj to the suffix, specifying the range in the blanks.
Example: A7PS-203-S05
Units to which Stoppers can be attached are the A7DP, A7D, A7BL,
A7PS, A7PH, A7SS, and A7AS.
On the outside of the A7BS-
j-S is a Stopper Pin with which the user
can make any setting.
The A7CN-2, A7CN-1, A7CN-L, A7MD, and A7MA cannot be
equipped with Stoppers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com