Electronic Components Datasheet Search
  English  ▼

X  

845B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 845B
Description  Shuguang Vacuum Tube 845
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

845B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  845B Datasheet HTML 1Page - List of Unclassifed Manufacturers 845B Datasheet HTML 2Page - List of Unclassifed Manufacturers 845B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Analog Metric Limited
Email: sales@analogmetric.com
http://www.AnalogMetric.com
54
SPECIFICATION
Filament Heating
Uf ………………………10V
If…………………………2.5A
Maximum Ratings
Plate voltage……………………….1250 V
Plate current (max. amplitude)..……120 mA
Plate power dissipation..……………75 W
Input power (max. amplitude……….150W
Capacitance
Input capacitance……………………6pF
Output capacitance…………………4.5pF
Muller capacitance…………………14.5pF
DC Parameters
Ua…………………………1250 V
-Ug………………………200 V
Ia…………………………80 mA
Gm………………………..3mA/V
ri…………………………..1.7k
u(when Ia=20mA) ………5
RL…………………………3.4 k
Pout………………………15W
Recommended Operating Condition
(suggested value)
Ua………………1000 1000 1250 V
-Ug …………………145 155 209 V
RL………………………6 9 16 k
Ia………………………90 65 52 Ma
üg(pk)………………- 110 148 V
ri………………………1.7 1.9 2.1 k
Gm……………………3.1 -
- mA/V
Pout……………………24 21 24 W
Dtot……………………5
-
- %
Class AB amplifying
Ua……………………800 1000 1000 1250 V
-Ug…………………125 170 175 225 V
RL…………………4.5 4.6 4.6 6.6 k
Ia……………………80 70 40 40 mA
üg(pk)………………177 240 - - V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com