Electronic Components Datasheet Search
  English  ▼

X  

845B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 845B
Description  Shuguang Vacuum Tube 845
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

845B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  845B Datasheet HTML 1Page - List of Unclassifed Manufacturers 845B Datasheet HTML 2Page - List of Unclassifed Manufacturers 845B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Analog Metric Limited
Email: sales@analogmetric.com
http://www.AnalogMetric.com
53
Shuguang Vacuum Tube 845
Emitter Tube: 845B (845)
Compatible with: UY-845
DESCRIPTION
Direct heating, thorium cathode made by Toshiba, high gain triode 845B can be used in class A and AB
power
amplification.
FEATURES
• High purity of titanized graphite plate
• Maximum plate power dissipation can reach 100W


Similar Part No. - 845B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
845B KEXIN-845B Datasheet
66Kb / 2P
Surface Mount Zener Diodes
More results

Similar Description - 845B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
General Electric Compan...
VT-191 GEC-VT-191 Datasheet
110Kb / 2P
VACUUM TUBE
logo
NXP Semiconductors
DY82 PHILIPS-DY82 Datasheet
98Kb / 5P
HIGH-VACUUM SINGLE-ANODE RECTIFYING TUBE
6.6.1958
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
211 ETC-211 Datasheet
41Kb / 2P
Shuguang Vacuum Tube 211
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com