Electronic Components Datasheet Search
  English  ▼

X  

TPS923652DYYR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS923652DYYR
Description  TPS92365x 65-V 2-A/4-A Boost/Buck-Boost LED Driver with Inductive Fast Dimming
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS923652DYYR Datasheet(HTML) 3 Page - Texas Instruments

  TPS923652DYYR Datasheet HTML 1Page - Texas Instruments TPS923652DYYR Datasheet HTML 2Page - Texas Instruments TPS923652DYYR Datasheet HTML 3Page - Texas Instruments TPS923652DYYR Datasheet HTML 4Page - Texas Instruments TPS923652DYYR Datasheet HTML 5Page - Texas Instruments TPS923652DYYR Datasheet HTML 6Page - Texas Instruments TPS923652DYYR Datasheet HTML 7Page - Texas Instruments TPS923652DYYR Datasheet HTML 8Page - Texas Instruments TPS923652DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Device Comparison Table
Part Number
Package
Max MOSFET continuous
current
Spread Spectrum
TPS923652DMTR
VSON (14)
2 A
Disabled
TPS923652DRRR
WSON (12)
2 A
Disabled
TPS923652DGNR
HVSSOP (12)
2 A
Disabled
TPS923652DYYR
SOT-23-THN (14)
2 A
Disabled
TPS923653DMTR
VSON (14)
2 A
Enabled
TPS923653DRRR
WSON (12)
2 A
Enabled
TPS923653DGNR
HVSSOP (12)
2 A
Enabled
TPS923653DYYR
SOT-23-THN (14)
2 A
Enabled
TPS923654DMTR
VSON (14)
4 A
Disabled
TPS923654DRRR
WSON (12)
4 A
Disabled
TPS923654DGNR
HVSSOP (12)
4 A
Disabled
TPS923655DMTR
VSON (14)
4 A
Enabled
TPS923655DRRR
WSON (12)
4 A
Enabled
TPS923655DGNR
HVSSOP (12)
4 A
Enabled
www.ti.com
TPS923652, TPS923653, TPS923654, TPS923655
SLVSGH1 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS923652 TPS923653 TPS923654 TPS923655



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com