Electronic Components Datasheet Search
  English  ▼

X  

TPS923652DYYR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS923652DYYR
Description  TPS92365x 65-V 2-A/4-A Boost/Buck-Boost LED Driver with Inductive Fast Dimming
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS923652DYYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS923652DYYR Datasheet HTML 17Page - Texas Instruments TPS923652DYYR Datasheet HTML 18Page - Texas Instruments TPS923652DYYR Datasheet HTML 19Page - Texas Instruments TPS923652DYYR Datasheet HTML 20Page - Texas Instruments TPS923652DYYR Datasheet HTML 21Page - Texas Instruments TPS923652DYYR Datasheet HTML 22Page - Texas Instruments TPS923652DYYR Datasheet HTML 23Page - Texas Instruments TPS923652DYYR Datasheet HTML 24Page - Texas Instruments TPS923652DYYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
9.2.1.3 Application Curves
Blue: SW, Red: Inductor Current, Green: LED Current Ripple
(AC)
Figure 9-2. LED Current Ripple at PWMADIM = 10%,
500 Hz and FSW = 400 kHz
Blue: SW, Red: Inductor Current, Green: LED Current Ripple
(AC)
Figure 9-3. LED Current Ripple at PWMADIM =
100%, 500 Hz and FSW = 400 kHz
Yellow: PWMADIM, Blue: SW, Red: Inductor Current, Green:
LED Current
Figure 9-4. LED Current Transient for a PWMADIM
Transition from 10% to 90%, 500 Hz
Yellow: PWMADIM, Blue: SW, Red: Inductor Current, Green:
LED Current
Figure 9-5. LED Current Transient for a PWMADIM
Transition from 100% to 10%, 500 Hz
Yellow: PWMADIM, Blue: SW, Red: Inductor Current, Green:
LED Current
Figure 9-6. Start-Up at PWMADIM = 100%, 500 Hz
Yellow: PWMADIM, Blue: SW, Red: Inductor Current, Green:
LED Current
Figure 9-7. Shutdown at PWMADIM = 100%, 500 Hz
Yellow: PWMADIM, Blue: SW, Red: Inductor Current, Green:
LED Current
Figure 9-8. LED Open-Load Protection
Yellow: PWMADIM, Blue: SW, Red: Inductor Current, Green:
LED Current
Figure 9-9. LED+ Short-to-PGND Protection
Yellow: PWMADIM, Blue: SW, Red: Inductor Current, Green:
LED Current
Figure 9-10. LED+ and LED– Short-Circuit
Protection
Yellow: Fault, Blue: SW, Red: CSP, Green: CSN, Orange:
CSP-CSN
Figure 9-11. Switching FET Short-to-PGND
Protection
Yellow: Fault, Blue: SW, Red: CSP, Green: CSN, Orange:
CSP-CSN
Figure 9-12. Sense-Resistor Open-Load Protection
Yellow: Fault, Blue: SW, Red: CSP, Green: CSN, Orange1:
CSP-CSN, Orange2: COMP, DBlue: Inductor Current
Figure 9-13. Sense-Resistor Short-to-PGND
Protection
9.2.2 TPS923655 24-V Input, 1-A, 16-piece WLED Driver with PWM Dimming
Figure 9-14. 24-V Input, 1-A, 16-piece WLED, PWM Dimming Reference Design
www.ti.com
TPS923652, TPS923653, TPS923654, TPS923655
SLVSGH1 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS923652 TPS923653 TPS923654 TPS923655



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com