Electronic Components Datasheet Search
  English  ▼

X  

FAB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FAB
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FAB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FAB Datasheet HTML 1Page - List of Unclassifed Manufacturers FAB Datasheet HTML 2Page - List of Unclassifed Manufacturers FAB Datasheet HTML 3Page - List of Unclassifed Manufacturers FAB Datasheet HTML 4Page - List of Unclassifed Manufacturers FAB Datasheet HTML 5Page - List of Unclassifed Manufacturers FAB Datasheet HTML 6Page - List of Unclassifed Manufacturers FAB Datasheet HTML 7Page - List of Unclassifed Manufacturers FAB Datasheet HTML 8Page - List of Unclassifed Manufacturers FAB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
28
FAB Series
FAB*1 Series: NC (normally closed) type
Internal structure and parts list
Dimensions
(Page 114)
FAB*1 series
Coil assembly
Plunger assembly
O ring
Spring
Body
1
2
3
4
5
Parts name
-
SUS, NBR
NBR
SUS
ADC
-
Stainless steel, nitrile rubber
Nitrile rubber
Stainless steel
Aluminum alloy die-casting
Materials
No.
25
32
36
40
50
FAB11
FAB21
FAB31
FAB41
FAB51
A
14
16
18
25
30
B
5
8
11
12
15
C
34
43
53.5
62
74.5
D
43.5
54
65.5
76
90.5
E
13
15.5
18.5
22.5
26
F
17
19.5
22.5
26
29.5
G
18
22
28
34
40
H
M5
Rc1/8
Rc1/8, Rc1/4
Rc1/4, Rc3/8
Rc3/8, Rc1/2
J
10
15
18
18
20
K
M4 depth 5.5
M4 depth 6
M5 depth 6
M5 depth 7
M5 depth 8
L
Model no.
Grommet lead wire type
FAB*1-*-*-*2C
IN
OUT
IN
OUT
FG
A
View A
B
H
J
OUT
View A
L
* Lead wire length 300mm
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com