Electronic Components Datasheet Search
  English  ▼

X  

FAB Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FAB
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FAB Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FAB Datasheet HTML 11Page - List of Unclassifed Manufacturers FAB Datasheet HTML 12Page - List of Unclassifed Manufacturers FAB Datasheet HTML 13Page - List of Unclassifed Manufacturers FAB Datasheet HTML 14Page - List of Unclassifed Manufacturers FAB Datasheet HTML 15Page - List of Unclassifed Manufacturers FAB Datasheet HTML 16Page - List of Unclassifed Manufacturers FAB Datasheet HTML 17Page - List of Unclassifed Manufacturers FAB Datasheet HTML 18Page - List of Unclassifed Manufacturers FAB Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
FAG Series
40
Internal structure and parts list
FAG*1/*3 series
Dimensions
(Page 114)
Grommet lead wire type
FAG**-*-*-12C
Coil assembly
Plunger assembly
O ring
Spring
Body
1
2
3
4
5
Parts name
-
SUS, NBR
NBR
SUS
ADC
-
Stainless steel, nitrile rubber
Nitrile rubber
Stainless steel
Aluminum alloy die-casting
Materials
No.
Valving element guide assembly
Spring
O ring
Cover
6
7
8
9
Parts name
PPS, SUS, NBR
SUS
NBR
ADC
Polyphenylene sulfite, stainless steel, nitrile rubber
Stainless steel
Nitrile rubber
Aluminum alloy die-casting
Materials
No.
28
32
40
45
50
14
16
18
25
25
13.5
16.5
18.5
25
25
42
51
60.5
74.5
81
51.5
62
72.5
88.5
97
13
15.5
18.5
22.5
26
17
19.5
22.5
26
29.5
18
22
28
34
40
12
16
20
21
21
21
25
32
35
35
7
8
11
15
15
FAG1
FAG2
FAG3
FAG4
FAG5
AB
C
D
E
F
G
H
J
K
L
M
N
M4 depth 5.5
M4 depth 6
M5 depth 8
M5 depth 8
M5 depth 8
Model no.
M5 x 0.8
Rc1/8
Rc1/8 Rc1/4
Rc1/4 Rc3/8
Rc1/4 Rc3/8
NO
COM
NC
K
J
H
FG
B
A
NO
COM
NC
NO
NC
L
N
Lead wire length 300mm
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com