Electronic Components Datasheet Search
  English  ▼

X  

M5576PR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M5576PR
Description  High performance current mode PWM controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M5576PR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M5576PR Datasheet HTML 2Page - List of Unclassifed Manufacturers M5576PR Datasheet HTML 3Page - List of Unclassifed Manufacturers M5576PR Datasheet HTML 4Page - List of Unclassifed Manufacturers M5576PR Datasheet HTML 5Page - List of Unclassifed Manufacturers M5576PR Datasheet HTML 6Page - List of Unclassifed Manufacturers M5576PR Datasheet HTML 7Page - List of Unclassifed Manufacturers M5576PR Datasheet HTML 8Page - List of Unclassifed Manufacturers M5576PR Datasheet HTML 9Page - List of Unclassifed Manufacturers M5576PR Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
M5576
高性能电流模式 PWM 控制器
M5576_V1.0
www.mjic.hk
6
振荡器
Fosc
振荡频率
VDD=14V, COMP=3V,
SEN=0.3V
60
65
70
KHZ
Δf_OSC
频率抖动
+/-4
%
f_shuffling
抖频
32
Hz
F_Burst
跳周期模式频率
22
KHz
栅驱动
VOL
输出低电平
VDD=14V,IO=6mA
1
V
VOH
输出高电平
VDD=14V,IO=5mA
6
V
V_Clamping
输出钳位电压
12
V
T_r
输出上升时间
1V~12V @ CL=1000pF
175
ns
T_f
输出下降时间
12V~1V @ CL=1000pF
85
ns
过温保护
IOTP
OTP 引脚输出电流
95
100
105
μA
VOTP
OTP 阈值电压
0.95
1
1.05
V
VOTP_FL
OTP 引脚悬空电压
2.8
V
Vth_OVP
外部 OVP 阈值电压
4.0
V
应用信息
M5576 是一款高集成度、高性能、电流模式 PWM 控制芯片,离线式 AC-DC 反激拓扑结构,具备低待机
功耗和低成本优点。扩展模式大大降低了待机功耗,方案设计适应国际节能的要求。
启动电流和启动控制
M5576 上电后,通过整流后电压为连接到 VDD 脚的接地电容充电,当 VDD 脚的电压高于 UVLO 阈
值时,芯片迅速启动。M5576 启动电流非常低,高阻值启动电阻可减少功率损耗,并能在应用中稳定可靠
的启动。
工作电流
M5576 工作电流低至 1.8mA。扩展突发模式能够实现高效率和低工作电流。
软启动



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com