Electronic Components Datasheet Search
  English  ▼

X  

2046 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 2046
Description  Touch Screen Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2046 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 2046 Datasheet HTML 17Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 18Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 19Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 20Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 21Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 22Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
XPT2046
Touch Screen Controller
XP
XN
YP
YN
TOUCH
X-POSITION
MEASURE
X-POSITION
XP
XN
YP
YN
TOUCH
Z1-POSITION
MEASURE
Z1-POSITION
XP
XN
YP
YN
TOUCH
Z2-POSITION
MEASURE
Z2-POSITION
Figure 11. Pressure Measurement Block Diagrams
Digital Interface
See Figure 12 for the typical operation of the XPT2046 digital interface. This diagram assumes that the source of
the digital signals is a microcontroller or digital signal processor with a basic serial interface.Each communication
between the processor and the converter,such as SPI, SSI, or Microwire_ synchronous serial interface, consists of
eight clock cycles. One complete conversion can be accomplished with three serial communications for a total of
24 clock cycles on the DCLK input.
The first eight clock cycles are used to provide the control byte via the DIN pin. When the converter has enough
information about the following conversion to set the input multiplexer and reference inputs appropriately, the
converter enters the acquisition (sample) mode and, if needed, the touch panel drivers are turned on. After three
more clock cycles, the control byte is complete and the converter enters the conversion mode. At this point, the
input sample-and-hold goes into the hold mode and the touch panel drivers turn off (in single-ended mode). The
next 12 clock cycles accomplish the actual analogto-digital conversion. If the conversion is ratiometric(SER/DFR
= 0), the drivers are on during the conversion and a 13th clock cycle is needed for the last bit of the conversionr
esult. Three more clock cycles are needed to complete the last byte (DOUT will be low), which are ignored by the
converter.
Control Byte
The control byte (on DIN), as shown in Table 3, provides the start conversion, addressing, ADC resolution,
configuration,and power-down of the XPT2046. Figure 12, Table 3 and Table 4 give detailed information regarding
the order and description of these control bits within the control byte.
Initiate START—The first bit, the S bit, must always be high and initiates the start of the control byte. The
XPT2046 ignores inputs on the DIN pin until the start bit is detected.
Addressing—The next three bits (A2, A1, and A0) select the active input channel(s) of the input multiplexer (see
Table 1, Table 2, and Figure 5), touch screen drivers, and the reference inputs.
MODE—The mode bit sets the resolution of the ADC. With this bit low, the next conversion has 12 bits ofr
esolution,whereas with this bit high, the next conversion has eight bits of resolution.
C
Co
op
py
yrriig
gh
htt©
©2
20
00
07
7,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com