Electronic Components Datasheet Search
  English  ▼

X  

2046 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 2046
Description  Touch Screen Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2046 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 2046 Datasheet HTML 22Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 27Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 28Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 29Page - List of Unclassifed Manufacturers 2046 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
XPT2046
Touch Screen Controller
15 Clocks-per-Conversion
Figure 16 provides the fastest way to clock the XPT2046.This method does not work with the serial interface of
most microcontrollers and digital signal processors, as they are generally not capable of providing 15 clock cycles
per serial transfer. However, this method can be used with field-programmable gate arrays (FPGAs) or
applicationspecific integrated circuits (ASICs). Note that this effectively increases the maximum conversion rate
of the converter beyond the values given in the specification tables, which assume 16 clock cycles per conversion.
Figure 16. Maximum Conversion Rate, 15 Clocks-per-Conversion
Data Format
The XPT2046 output data is in Straight Binary format, as shown in Figure 17. This figure shows the ideal output
code for the given input voltage and does not include the ffects of offset, gain, or noise.
Figure 17. Ideal Input Voltages and Output Codes
C
Co
op
py
yrriig
gh
htt©
©2
20
00
07
7,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
28/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com