Electronic Components Datasheet Search
  English  ▼

X  

BLF177 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF177
Description  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF177 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF177 Datasheet HTML 4Page - NXP Semiconductors BLF177 Datasheet HTML 5Page - NXP Semiconductors BLF177 Datasheet HTML 6Page - NXP Semiconductors BLF177 Datasheet HTML 7Page - NXP Semiconductors BLF177 Datasheet HTML 8Page - NXP Semiconductors BLF177 Datasheet HTML 9Page - NXP Semiconductors BLF177 Datasheet HTML 10Page - NXP Semiconductors BLF177 Datasheet HTML 11Page - NXP Semiconductors BLF177 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
September 1992
8
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
List of components (class-AB test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
εr = 2.2),
thickness 1.6 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C4, C13, C14
film dielectric trimmer
7 to 100 pF
2222 809 07015
C2
multilayer ceramic chip capacitor
(note 1)
56 pF
C3, C11
multilayer ceramic chip capacitor
(note 1)
62 pF
C5, C6
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C7
multilayer ceramic chip capacitor
3
× 100 nF
2222 852 47104
C5
multilayer ceramic chip capacitor
10 nF
2222 852 47103
C7
multilayer ceramic chip capacitor
3
× 100 nF
2222 852 47104
C8
electrolytic capacitor
2.2
µF, 63 V
C9, C10
multilayer ceramic chip capacitor
(note 1)
20 pF
C12
multilayer ceramic chip capacitor
(note 1)
100 pF
C15
multilayer ceramic chip capacitor
(note 1)
150 pF
L1
5 turns enamelled 0.7 mm copper
wire
133 nH
length 4.5 mm;
int. dia. 6 mm;
leads 2
× 5 mm
L2, L3
stripline (note 2)
41.1
Ω
length 13
× 6 mm
L4
7 turns enamelled 1.5 mm copper
wire
236 nH
length 12.5 mm;
int. dia. 8 mm;
leads 2
× 5 mm
L5
grade 3B Ferroxcube wideband HF
choke
4312 020 36642
L6
5 turns enamelled 2 mm copper
wire
170 nH
length 11.5 mm;
int. dia. 8 mm;
leads 2
× 5 mm
R1, R2
1 W metal film resistor
10
Ω
R2
0.4 W metal film resistor
10 k
Ω
R3
0.4 W metal film resistor
1 M
Ω
R5
1 W metal film resistor
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com