Electronic Components Datasheet Search
  English  ▼

X  

BLF177 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF177
Description  HF/VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF177 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF177 Datasheet HTML 8Page - NXP Semiconductors BLF177 Datasheet HTML 9Page - NXP Semiconductors BLF177 Datasheet HTML 10Page - NXP Semiconductors BLF177 Datasheet HTML 11Page - NXP Semiconductors BLF177 Datasheet HTML 12Page - NXP Semiconductors BLF177 Datasheet HTML 13Page - NXP Semiconductors BLF177 Datasheet HTML 14Page - NXP Semiconductors BLF177 Datasheet HTML 15Page - NXP Semiconductors BLF177 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
September 1992
12
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
List of components (class-B test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
ε
r = 2.2),
thickness 1.6 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2, C16, C18
film dielectric trimmer
2.5 to 20 pF
2222 809 07004
C3
multilayer ceramic chip capacitor
(note 1)
20 pF
C4, C5
multilayer ceramic chip capacitor
(note 1)
62 pF
C6, C7, C9, C10
multilayer ceramic chip capacitor
(note 1)
1 nF
C8
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C11
multilayer ceramic chip capacitor
10 nF
2222 852 47103
C12
multilayer ceramic chip capacitor
3
× 100 nF
2222 852 47104
C13, C14
multilayer ceramic chip capacitor
(note 1)
36 pF
C15
multilayer ceramic chip capacitor
(note 1)
12 pF
C17
multilayer ceramic chip capacitor
(note 1)
5.6 pF
C19
electrolytic capacitor
4.4
µF, 63 V
2222 030 28478
L1
3 turns enamelled 0.8 mm copper
wire
22 nH
length 5.5 mm;
int. dia. 3 mm;
leads 2
× 5 mm
L2
stripline (note 2)
64.7
Ω
31
× 3 mm
L3, L4
stripline (note 2)
41.1
Ω
10
× 6 mm
L5
6 turns enamelled 1.6 mm copper
wire
122 nH
length 13.8 mm;
int. dia. 6 mm;
leads 2
× 5 mm
L6
grade 3B Ferroxcube wideband HF
choke
4312 020 36642
L7
1 turn enamelled 1.6 mm copper
wire
16.5 nH
int. dia. 9 mm;
leads 2
× 5 mm
L8
2 turns enamelled 1.6 mm copper
wire
34.4 nH
length 3.9 mm;
int. dia. 6 mm;
leads 2
× 5 mm
R1, R2
1 W metal film resistor
31.6
Ω
R3
0.4 W metal film resistor
1 k
Ω
R4
cermet potentiometer
5 k
Ω
R5
0.4 W metal film resistor
44.2
Ω
R6
1 W metal film resistor
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com