Electronic Components Datasheet Search
  English  ▼

X  

ICS950811 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS950811
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950811 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS950811 Datasheet HTML 1Page - Renesas Technology Corp ICS950811 Datasheet HTML 2Page - Renesas Technology Corp ICS950811 Datasheet HTML 3Page - Renesas Technology Corp ICS950811 Datasheet HTML 4Page - Renesas Technology Corp ICS950811 Datasheet HTML 5Page - Renesas Technology Corp ICS950811 Datasheet HTML 6Page - Renesas Technology Corp ICS950811 Datasheet HTML 7Page - Renesas Technology Corp ICS950811 Datasheet HTML 8Page - Renesas Technology Corp ICS950811 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS950811
0482E—08/09/07
Block Diagram
Recommended Application:
CK-408 clock for Brookdale-Mobile chipsets.
Programmable for group to group skew.
Output Features:
•
3 Differential CPU Clock Pairs (differential current
mode)
•
7 PCI (3.3V) @ 33.3MHz
•
3 PCI_F (3.3V) @ 33.3MHz
•
1 USB (3.3V) @ 48MHz
•
1 DOT (3.3V) @ 48MHz
•
1 REF (3.3V) @ 14.318MHz
•
5 3V66 (3.3V) @ 66.6MHz
•
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features:
•
Supports spread spectrum modulation,
down spread 0 to -0.5%.
•
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
66MHz Output Jitter (Buffered Mode Only) <100ps
•
CPU Output Skew <100ps
Pin Configuration
56 pin SSOP/TSSOP
Frequency Generator with 200MHz Differential CPU Clocks
Functionality
* These inputs have 150K internal pull-up resistor to VDD.
2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
)
0
:
1
(
6
6
V
3
)
z
H
M
(
)
0
:
2
(
t
u
O
z
H
M
6
6
)
2
:
4
(
6
6
V
3
)
z
H
M
(
F
_
I
C
P
I
C
P
)
z
H
M
(
n
I
z
H
M
6
6
)
5
(
6
6
V
3
)
z
H
M
(
00
0
6
6
.
6
66
6
.
6
66
6
.
6
63
3
.
3
36
6
.
6
6
00
1
0
0
.
0
0
16
6
.
6
66
6
.
6
63
3
.
3
36
6
.
6
6
01
0
0
0
.
0
0
26
6
.
6
66
6
.
6
63
3
.
3
36
6
.
6
6
01
1
3
3
.
3
3
16
6
.
6
66
6
.
6
63
3
.
3
36
6
.
6
6
10
0
6
6
.
6
66
6
.
6
6
e
d
o
M
d
e
r
e
f
f
u
B
d
e
t
r
o
p
p
u
S
t
o
N
5
0
8
0
5
9
S
C
I
e
e
S
10
1
0
0
.
0
0
16
6
.
6
6
11
0
0
0
.
0
0
26
6
.
6
6
11
1
3
3
.
3
3
16
6
.
6
6
d
i
M0
0
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
d
i
M0
1
2
/
K
L
C
T4
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
T4
/
K
L
C
T
d
i
M1
0
-
v
r
e
s
e
R
d
e
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
d
i
M1
1
-
v
r
e
s
e
R
d
e
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R


Similar Part No. - ICS950811

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811YFLFT ICST-ICS950811YFLFT Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
More results

Similar Description - ICS950811

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS950812 IDT-ICS950812 Datasheet
233Kb / 30P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com