Electronic Components Datasheet Search
  English  ▼

X  

ICS950811 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS950811
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950811 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS950811 Datasheet HTML 10Page - Renesas Technology Corp ICS950811 Datasheet HTML 11Page - Renesas Technology Corp ICS950811 Datasheet HTML 12Page - Renesas Technology Corp ICS950811 Datasheet HTML 13Page - Renesas Technology Corp ICS950811 Datasheet HTML 14Page - Renesas Technology Corp ICS950811 Datasheet HTML 15Page - Renesas Technology Corp ICS950811 Datasheet HTML 16Page - Renesas Technology Corp ICS950811 Datasheet HTML 17Page - Renesas Technology Corp ICS950811 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
ICS950811
0482E—08/09/07
When PD# is sampled low by two consecutive rising edges of CPU clock then all clock outputs except CPU clocks
must be held low on their next high to low transition. CPU clocks must be held with the CPU clock pin driven high with
a value of 2x Iref, and CPUC undriven. Note the example below shows CPU = 100MHz, this diagram and description
is applicable for all valid CPU frequencies 66, 100, 133, 200MHz.
Due to the state of the internal logic, stopping and holding the REF clock outputs in the LOW state may require more
than one clock cycle to complete.
PD# - Assertion (transition from logic "1" to logic "0")
PD# Functionality
#
P
O
T
S
_
U
P
CT
U
P
CC
U
P
C6
6
V
3T
U
O
_
z
H
M
6
6
F
_
K
L
C
I
C
P
K
L
C
I
C
P
K
L
C
I
C
P
T
O
D
/
B
S
U
z
H
M
8
4
1l
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6N
I
_
z
H
M
6
6N
I
_
z
H
M
6
6N
I
_
z
H
M
6
6z
H
M
8
4
0t
l
u
M
*
f
e
r
it
a
o
l
Fw
o
Lw
o
Lw
o
Lw
o
Lw
o
L
Power Down Assertion of Waveforms - Buffered Mode
0ns
PD#
CPUT 100MHz
CPUC 100MHz
3V66MHz
66MHz_IN
66MHz_OUT
PCI 33MHz
USB 48MHz
REF 14.318MHz
25ns
50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com