Electronic Components Datasheet Search
  English  ▼

X  

ICS950908 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS950908
Description  Programmable Timing Control Hub™ for P4™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950908 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS950908 Datasheet HTML 8Page - Renesas Technology Corp ICS950908 Datasheet HTML 9Page - Renesas Technology Corp ICS950908 Datasheet HTML 10Page - Renesas Technology Corp ICS950908 Datasheet HTML 11Page - Renesas Technology Corp ICS950908 Datasheet HTML 12Page - Renesas Technology Corp ICS950908 Datasheet HTML 13Page - Renesas Technology Corp ICS950908 Datasheet HTML 14Page - Renesas Technology Corp ICS950908 Datasheet HTML 15Page - Renesas Technology Corp ICS950908 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS950908
Preliminary Product Preview
0653A—07/26/04
Byte 20: Group Skew Control Register
Byte 21: Slew Rate Control Register
Byte 22: Slew Rate Control Register
Byte 23: Slew Rate Control Register
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
F
_
K
L
C
I
C
P
w
e
k
S
p
u
o
r
G
l
o
r
t
n
o
C
1
-
s
n
4
.
1
m
o
r
f
w
e
k
s
F
I
C
P
o
t
U
P
C
e
h
t
e
g
n
a
h
c
n
a
c
s
t
i
b
4
e
s
e
h
T
r
o
t
n
e
m
e
r
c
n
i
y
r
a
n
i
b
h
c
a
E
.
s
n
5
.
2
-
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
s
n
9
.
2
e
h
t
f
o
y
a
l
e
d
e
h
t
e
s
a
e
r
c
e
d
r
o
e
s
a
e
r
c
n
i
ll
i
w
)
0
:
3
(
t
i
B
f
o
t
n
e
m
e
r
c
e
d
.
s
p
0
0
1
y
b
s
k
c
o
l
c
I
C
P
6
t
i
B0
5
t
i
B0
4
t
i
B0
3
t
i
B
d
e
v
r
e
s
e
R
1
d
e
v
r
e
s
e
R
2
t
i
B0
1
t
i
B0
0
t
i
B0
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
)
1
:
2
(
P
G
A
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
)
1
:
2
(
P
G
A
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
6
t
i
B1
5
t
i
B
F
_
K
L
C
I
C
P
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
F
_
K
L
C
I
C
P
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
4
t
i
B1
3
t
i
B
)
4
:
7
(
K
L
C
I
C
P
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
)
4
:
7
(
K
L
C
I
C
P
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
2
t
i
B1
1
t
i
B
)
0
:
3
(
K
L
C
I
C
P
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
)
0
:
3
(
K
L
C
I
C
P
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
0
t
i
B1
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
)
0
:
1
(
F
E
R
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
F
E
R
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
6
t
i
B1
5
t
i
B
d
e
v
r
e
s
e
R
0
d
e
v
r
e
s
e
R
4
t
i
B1
3
t
i
B
z
H
M
8
4
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
z
H
M
8
4
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
2
t
i
B1
1
t
i
B
z
H
M
8
4
_
4
2
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
z
H
M
8
4
_
4
2
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
0
t
i
B1
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
d
e
v
r
e
s
e
R
0
d
e
v
r
e
s
e
R
6
t
i
B1
5
t
i
B0
4
t
i
B1
3
t
i
B
C
/
T
K
L
C
U
P
C
S
C
/
D
O
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
S
C
/
D
O
C
/
T
K
L
C
U
P
C
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
2
t
i
B1
1
t
i
B
0
_
P
G
A
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
0
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
0
_
P
G
A
k
a
e
w
=
0
0
;
l
a
m
r
o
n
=
0
1
:
g
n
o
r
t
s
=
1
0
0
t
i
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com