Electronic Components Datasheet Search
  English  ▼

X  

ICS950908 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS950908
Description  Programmable Timing Control Hub™ for P4™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950908 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS950908 Datasheet HTML 10Page - Renesas Technology Corp ICS950908 Datasheet HTML 11Page - Renesas Technology Corp ICS950908 Datasheet HTML 12Page - Renesas Technology Corp ICS950908 Datasheet HTML 13Page - Renesas Technology Corp ICS950908 Datasheet HTML 14Page - Renesas Technology Corp ICS950908 Datasheet HTML 15Page - Renesas Technology Corp ICS950908 Datasheet HTML 16Page - Renesas Technology Corp ICS950908 Datasheet HTML 17Page - Renesas Technology Corp ICS950908 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS950908
Preliminary Product Preview
0653A—07/26/04
Electrical Characteristics - CPUCLKT/C_CS
TA = 0 - 70ÜC; VDD = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.6
ns
Differential Crossover
Voltage
1
VX
Note 3
455055
%
Duty Cycle
dt2B
1
VT = 1.25 V
45
55
%
Skew
tsk2B
1
VT = 1.25 V
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
250
ps
Jitter, One Sigma
tj1s2B
1
VT = 1.25 V
150
ps
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
+250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPUCLKC/T
TA = 0 - 70º C; VDD = 3.3 V +/-5%; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source
Output Impedance
ZO
VO = VX
3000
W
Output High Voltage
VOH
0.71
1.2
V
Output High Current
IOH
-13.92
mA
Rise Time
1
tr
VOL = 20%, VOH = 80%
175
700
ps
Differential Crossover
Voltage
1
VX
Note 3
455055
%
Duty Cycle
1
dt
VT = 50%
455155
%
Skew
1, CPU to CPU
tsk
VT = 50%
150
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc
VT = VX
200
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
VR = 475Ω +1%; IREF = 2.32mA; IOH = 6*IREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com