Electronic Components Datasheet Search
  English  ▼

X  

ICS952623 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS952623
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952623 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS952623 Datasheet HTML 1Page - Renesas Technology Corp ICS952623 Datasheet HTML 2Page - Renesas Technology Corp ICS952623 Datasheet HTML 3Page - Renesas Technology Corp ICS952623 Datasheet HTML 4Page - Renesas Technology Corp ICS952623 Datasheet HTML 5Page - Renesas Technology Corp ICS952623 Datasheet HTML 6Page - Renesas Technology Corp ICS952623 Datasheet HTML 7Page - Renesas Technology Corp ICS952623 Datasheet HTML 8Page - Renesas Technology Corp ICS952623 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Integrated
Circuit
Systems, Inc.
ICS952623
0758A—02/06/07
Pin Configuration
Recommended Application:
CK409 clock, Intel Yellow Cover part
Output Features:
•
3 - 0.7V current-mode differential CPU pairs
•
1 - 0.7V current-mode differential SRC pair
•
7 - PCI (33MHz)
•
3 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
1 - DOT, 48MHz
•
2 - REF, 14.318MHz
•
4 - 3V66, 66.66MHz
•
1 - VCH/3V66, selectable 48MHz or 66MHz
Key Specifications:
•
CPU/SRC outputs cycle-cycle jitter < 125ps
•
3V66 outputs cycle-cycle jitter < 250ps
•
PCI outputs cycle-cycle jitter < 250ps
•
CPU outputs skew: < 100ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
Programmable Timing Control Hub™ for Next Gen P4™ processor
Functionality
Features/Benefits:
•
Supports tight ppm accuracy clocks for Serial-ATA
•
Supports spread spectrum modulation, 0 to -0.5%
down spread and +/- 0.25% center spread
•
Supports CPU clks up to 400MHz in test mode
•
Uses external 14.318MHz crystal
•
Supports undriven differential CPU, SRC pair in PD#
and CPU_STOP# for power management.
56-pin SSOP & TSSOP
REF0
1
56 FS_B
REF1
2
55 VDDA
VDDREF
3
54 GNDA
X1
4
53 GND
X2
5
52 IREF
GND
6
51 FS_A
PCICLK_F0
7
50 CPU_STOP#
PCICLK_F1
8
49 PCI_STOP#
PCICLK_F2
9
48 VDDCPU
VDDPCI 10
47 CPUCLKT2
GND 11
46 CPUCLKC2
PCICLK0 12
45 GND
PCICLK1 13
44 CPUCLKT1
PCICLK2 14
43 CPUCLKC1
PCICLK3 15
42 VDDCPU
VDDPCI 16
41 CPUCLKT0
GND 17
40 CPUCLKC0
PCICLK4 18
39 GND
PCICLK5 19
38 SRCCLKT
PCICLK6 20
37 SRCCLKC
PD# 21
36 VDD
3V66_0 22
35 Vtt_PWRGD#
3V66_1 23
34 VDD48
VDD3V66 24
33 GND
GND 25
32 48MHz_DOT
3V66_2 26
31 48MHz_USB
3V66_3 27
30 SDATA
SCLK 28
29 3V66_4/VCH
B6b5 FS_A FS_B
CPU
MHz
SRC
MHz
3V66
MHz
PCI
MHz
REF
MHz
USB/DOT
MHz
0
0
100
100/200 66.66 33.33 14.318
48.00
0
MID Ref/N0 Ref/N1 Ref/N2 Ref/N3 Ref/N4
Ref/N5
0
1
200
100/200 66.66 33.33 14.318
48.00
1
0
133
100/200 66.66 33.33 14.318
48.00
1
1
166
100/200 66.66 33.33 14.318
48.00
1
MID
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
200
100/200 66.66 33.33 14.318
48.00
0
1
400
100/200 66.66 33.33 14.318
48.00
1
0
266
100/200 66.66 33.33 14.318
48.00
1
1
333
100/200 66.66 33.33 14.318
48.00
0
1


Similar Part No. - ICS952623

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952623YFT ICST-ICS952623YFT Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952623YGT ICST-ICS952623YGT Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
More results

Similar Description - ICS952623

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Renesas Technology Corp
952926 RENESAS-952926 Datasheet
327Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
953008 RENESAS-953008 Datasheet
311Kb / 21P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954119 RENESAS-954119 Datasheet
274Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954141 RENESAS-954141 Datasheet
288Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952607 RENESAS-ICS952607 Datasheet
397Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952624 RENESAS-ICS952624 Datasheet
303Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS953002 RENESAS-ICS953002 Datasheet
507Kb / 36P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com