Electronic Components Datasheet Search
  English  ▼

X  

ICS952623 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS952623
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952623 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS952623 Datasheet HTML 11Page - Renesas Technology Corp ICS952623 Datasheet HTML 12Page - Renesas Technology Corp ICS952623 Datasheet HTML 13Page - Renesas Technology Corp ICS952623 Datasheet HTML 14Page - Renesas Technology Corp ICS952623 Datasheet HTML 15Page - Renesas Technology Corp ICS952623 Datasheet HTML 16Page - Renesas Technology Corp ICS952623 Datasheet HTML 17Page - Renesas Technology Corp ICS952623 Datasheet HTML 18Page - Renesas Technology Corp ICS952623 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
Integrated
Circuit
Systems, Inc.
ICS952623
0758A—02/06/07
I
2C Table: VCO Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
N Div7
RW
-
-
X
Bit 6
N Div6
RW
--
X
Bit 5
N Div5
RW
-
-
X
Bit 4
N Div4
RW
-
-
X
Bit 3
N Div3
RW
--
X
Bit 2
N Div2
RW
-
-
X
Bit 1
N Div1
RW
--
X
Bit 0
N Div0
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SSP7
RW
-
-
X
Bit 6
SSP6
RW
--
X
Bit 5
SSP5
RW
-
-
X
Bit 4
SSP4
RW
--
X
Bit 3
SSP3
RW
-
-
X
Bit 2
SSP2
RW
-
-
X
Bit 1
SSP1
RW
--
X
Bit 0
SSP0
RW
-
-
X
I
2C Table: Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
--
0
Bit 5
SSP13
RW
-
-
X
Bit 4
SSP12
RW
-
-
X
Bit 3
SSP11
RW
--
X
Bit 2
SSP10
RW
-
-
X
Bit 1
SSP9
RW
--
X
Bit 0
SSP8
RW
-
-
X
-
-
Byte 12
-
The decimal
representation of N
Div (8:0) is equal to
VCO divider value.
Default at power up =
latch-in or Byte 0 Rom
table.
-
-
-
-
-
-
-
Byte 13
-These Spread
Spectrum bits will
program the spread
pecentage. It is
recommended to use
ICS Spread % table
for spread
programming.
-
-
-
-
-
-
It is recommended to
use ICS Spread %
table for spread
programming.
-
-
-
-
-
Byte 14
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com