Electronic Components Datasheet Search
  English  ▼

X  

ICS952624 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS952624
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952624 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS952624 Datasheet HTML 1Page - Renesas Technology Corp ICS952624 Datasheet HTML 2Page - Renesas Technology Corp ICS952624 Datasheet HTML 3Page - Renesas Technology Corp ICS952624 Datasheet HTML 4Page - Renesas Technology Corp ICS952624 Datasheet HTML 5Page - Renesas Technology Corp ICS952624 Datasheet HTML 6Page - Renesas Technology Corp ICS952624 Datasheet HTML 7Page - Renesas Technology Corp ICS952624 Datasheet HTML 8Page - Renesas Technology Corp ICS952624 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS952624
0768B—08/06/03
Pin Description (Continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
25
3V66_3/VCH
OUT
3.3V 66.66MHz clock output
VCH: 48MHz VCH clock output
26
3V66_2
OUT
3.3V 66.66MHz clock output
27
VDD3V66
PWR
Power pin for the 3V66 clocks.
28
GND
PWR
Ground pin.
29
3V66_1
OUT
3.3V 66.66MHz clock output
30
3V66_0
OUT
3.3V 66.66MHz clock output
31
SCLK
IN
Clock pin of I2C circuitry 5V tolerant
32
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
33
VttPWR_GD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs
are valid and are ready to be sampled. This is an active low input.
34
VDD
OUT
Power supply, nominal 3.3V
35
SRCCLKC
OUT
Complementary clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
36
SRCCLKT
OUT
True clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
37
GND
PWR
Ground pin.
38
CPUCLKC0
OUT
"Complimentary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
39
CPUCLKT0
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
40
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
41
CPUCLKC1
OUT
"Complimentary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
42
CPUCLKT1
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
43
GND
PWR
Ground pin.
44
CPUCLKC_ITP
OUT
"Complementary" clocks of differential pair CPU outputs for ITP.. These are current
mode outputs. External resistors are required for voltage bias.
45
CPUCLKT_ITP
OUT
"True" clocks of differential pair CPU outputs for ITP. These are current mode
outputs. External resistors are required for voltage bias.
46
IREF
OUT
This pin establishes the reference current for the differential current-mode output
pairs. This pin requires a fixed precision resistor tied to ground in order to establish
the appropriate current. 475 ohms is the standard value.
47
GND
PWR
Ground pin.
48
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com