Electronic Components Datasheet Search
  English  ▼

X  

ICS952624 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS952624
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952624 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS952624 Datasheet HTML 1Page - Renesas Technology Corp ICS952624 Datasheet HTML 2Page - Renesas Technology Corp ICS952624 Datasheet HTML 3Page - Renesas Technology Corp ICS952624 Datasheet HTML 4Page - Renesas Technology Corp ICS952624 Datasheet HTML 5Page - Renesas Technology Corp ICS952624 Datasheet HTML 6Page - Renesas Technology Corp ICS952624 Datasheet HTML 7Page - Renesas Technology Corp ICS952624 Datasheet HTML 8Page - Renesas Technology Corp ICS952624 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS952624
0768B—08/06/03
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
FS_A/REF1
I/O
FS_A latched input for frequency select
Reference output, 14.318Hz
2
FS_B/REF0
I/O
FS_B latched input for frequency select
Reference output, 14.318Hz
3
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
4X1
IN
Crystal input, Nominally 14.318MHz.
5
X2
OUT
Crystal output, Nominally 14.318MHz
6
GND
PWR
Ground pin.
7
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
8
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
9
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
10
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
11
GND
PWR
Ground pin.
12
PCICLK0
OUT
PCI clock output.
13
PCICLK1
OUT
PCI clock output.
14
PCICLK2
OUT
PCI clock output.
15
PCICLK3
OUT
PCI clock output.
16
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
17
GND
PWR
Ground pin.
18
PCICLK4
OUT
PCI clock output.
19
PCICLK5
OUT
PCI clock output.
20
PD#
IN
Asynchronous active low input pin used to power down the device into a low power
state. The internal clocks are disabled and the VCO and the crystal are stopped. The
latency of the power down will not be greater than 1.8ms.
21
48MHz_DOT
OUT
48.008MHz Dot clock output
22
48MHz_USB
OUT
48.008MHz USB clock output
23
GND
PWR
Ground pin.
24
VDD48
PWR
Power for 48MHz output buffers and fixed PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com