Electronic Components Datasheet Search
  English  ▼

X  

ICS953002 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS953002
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS953002 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS953002 Datasheet HTML 1Page - Renesas Technology Corp ICS953002 Datasheet HTML 2Page - Renesas Technology Corp ICS953002 Datasheet HTML 3Page - Renesas Technology Corp ICS953002 Datasheet HTML 4Page - Renesas Technology Corp ICS953002 Datasheet HTML 5Page - Renesas Technology Corp ICS953002 Datasheet HTML 6Page - Renesas Technology Corp ICS953002 Datasheet HTML 7Page - Renesas Technology Corp ICS953002 Datasheet HTML 8Page - Renesas Technology Corp ICS953002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
ICS953002 is a 56-pin clock chip for P4 type processors with PCI-Express.
The ICS953002 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). This part
incorporates ICS's newest clock technology which offers more robust features and functionality. Employing the use of a
serially programmable I
2C interface, this device can adjust the output clocks by configuring the frequency setting, the output
divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each
individual output clock. M/N control can configure output frequency with resolution up to 0.1MHz increment.
General Description
Block Diagram
I REF
RESET#
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
48MHz
24_48MHz
X1
X2
XTAL
SDATA
SCLK
VTTPWRGD#
PD#
Turbo#
FS (4:0)
Sel24_48#
MODE0
Control
Logic
REF (1:0)
CPUCLKT (1:0)
CPUCLKC (1:0)
CPUCLKT2_ITP/PCIEXT0
CPUCLKC2_ITP/PCIEXC0
3V66 (2:0)
PCICLK (5:0)
PCI-EXT (5:1)
PCI-EXC (5:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com